Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSC11 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CSC11
Description  Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSC11 Datasheet(HTML) 1 Page - Vishay Siliconix

  CSC11 Datasheet HTML 1Page - Vishay Siliconix CSC11 Datasheet HTML 2Page - Vishay Siliconix CSC11 Datasheet HTML 3Page - Vishay Siliconix CSC11 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 31509
Revision 02-Aug-02
www.vishay.com
32
CSC
Vishay Dale
For Technical Questions, contact: ff2aresistors@vishay.com
Thick Film Resistor Networks
Single-In-Line, Coated SIP 01, 03, 05 Schematics
FEATURES
• 0.195" [4.95mm] "A", 0.250" [6.35mm] "B"
• "A" profile standard in 4 thru 12 pins
• Highly stable thick film
• Low temperature coefficient (- 55
°C to + 125°C) ± 100ppm/°C
• Reduces total assembly costs
• Resistor elements protected by tough epoxy conformal coating
• Wide resistance range
• Available in bag pack or tube pack
A = 0.195" [4.95mm] Height
0.100" [2.54mm] Lead Spacing
B = 0.250" [6.35mm] Height
0.100" [2.54mm] Lead Spacing
ORDERING INFORMATION
01 and 03 Schematics
A
PACKAGE CODE
08
NUMBER OF
PINS
CSC
MODEL
08
NUMBER OF
PINS
G
TOLERANCE
331
RESISTANCE
VALUE R
2
221
RESISTANCE
VALUE R
1
First two digits are significant
figures. The third digit
specifies the number of
zeros to follow.
G=
± 2%
CSC
MODEL
01
03
SCHEMATIC
01 = Pin #1
common to all
resistors
03 = Isolated
resistors
First 2 digits are
significant figures.
Last digit specifies
number of zeros to
follow.
G=
± 2%
G
TOLERANCE
101
RESISTANCE
VALUE
05 Schematic
A = 0.195" [4.95mm] Height
0.100" [2.54mm] Lead Spacing
B = 0.250" [6.35mm] Height
0.100" [2.54mm] Lead Spacing
05
SCHEMATIC
A
PACKAGE CODE
STANDARD ELECTRICAL SPECIFICATIONS
MODEL/
PROFILE
RESISTOR
RESISTANCE
STANDARD
TEMPERATURE
TCR
OPERATING
SCHEMATIC
POWER RATING
RANGE
TOLERANCE
COEFFICIENT
TRACKING
VOLTAGE
Max. @ 70
°C*
Ω
%
(- 55
°C to + 125°C) (- 55°C to + 125°C)
VDC Max.
CSC01
A
0.20 W
10 - 2.2M
± 2 (1%*)
± 100ppm/°C
± 50ppm/°C
100
B
0.25 W
CSC03
A
0.30 W
10 - 2.2M
± 2 (1%*)
± 100ppm/°C
± 50ppm/°C
100
B
0.40 W
CSC05
A
0.20 W
10 - 2.2M
± 2 (1%*)
± 100ppm/°C
± 150ppm/°C
100
B
0.25 W
* For resistor power ratings @ + 25
°C see derating curves.
• See derating curves for Package Power Rating. Higher power rated “C” Profile available.
* Contact factory for 1%
PARAMETER
UNIT
CSC Series
Voltage Coefficient of Resistance
V
eff
< 50ppm typical
Dielectric Strength
VAC
200
Isolation Resistance (03 Schematic)
Ω
> 100M
Operating Temperature Range
°C
- 55 to + 125
TECHNICAL SPECIFICATIONS


Similar Part No. - CSC11

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1162 CDIL-CSC1162 Datasheet
96Kb / 3P
NPN PLASTIC POWER TRANSISTOR
CSC1162B CDIL-CSC1162B Datasheet
96Kb / 3P
NPN PLASTIC POWER TRANSISTOR
CSC1162C CDIL-CSC1162C Datasheet
96Kb / 3P
NPN PLASTIC POWER TRANSISTOR
CSC1162D CDIL-CSC1162D Datasheet
96Kb / 3P
NPN PLASTIC POWER TRANSISTOR
logo
Vishay Siliconix
CSC11A VISHAY-CSC11A Datasheet
401Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
More results

Similar Description - CSC11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
06-Aug-02
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
25-Aug-06
MDM VISHAY-MDM Datasheet
134Kb / 5P
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
08-Jul-08
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
28-Jul-06
MSM VISHAY-MSM Datasheet
137Kb / 5P
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
25-Jul-08
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
13-Feb-15
TRC VISHAY-TRC Datasheet
85Kb / 3P
Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com