Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM007IDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSM007IDT
Description  Primary PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM007IDT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSM007IDT Datasheet HTML 2Page - STMicroelectronics TSM007IDT Datasheet HTML 3Page - STMicroelectronics TSM007IDT Datasheet HTML 4Page - STMicroelectronics TSM007IDT Datasheet HTML 5Page - STMicroelectronics TSM007IDT Datasheet HTML 6Page - STMicroelectronics TSM007IDT Datasheet HTML 7Page - STMicroelectronics TSM007IDT Datasheet HTML 8Page - STMicroelectronics TSM007IDT Datasheet HTML 9Page - STMicroelectronics TSM007IDT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TSM007
Functional Description
6/12
Soft start
A capacitor from the SS pin to GND provides the
soft start function. The capacitor starts to charge
when VIN reaches the UVLO threshold and Vref is
good.The soft start block enables the IC to start
with a progessive PWM duty cycle. The soft start
period is set by the external capacitor Css. The
soft start comparator drives the output driver low
when the SS pin voltage is greater than the CT pin
voltage minus one VF voltage..
Tss = Cssx(Vthct-VF)/Iiss
Let’s assume Tss = 50ms
==> Css = TssxIiss/(Vthct-VF)
==> Css = 210nF
Brown out
A voltage proportionnal to the Bulk capacitor
voltage is applied to the BRNOUT pin. When this
pin signal is less than 2.5V, the IC is disabled: SS
and CT pins go low, Vref is disabled and the IC
goes to standby mode. All bias currents are
switched off. The 2.5V voltage at the negative
input of comparator Comp_Brown out is still
active. When Brown out voltage goes higher than
2.5V, Vref is enabled again. A startup period is
started, and then a soft start occurs..
Let’s assume BRNOUT acts for Vfiltered = 200V
R2 = 15K
Ω
R1 = R2(Vfiltered - UVLO) / UVLO
When BRNOUT is bellow 2.5V
IR2 = Vfiltered(R1+R2)
When BRNOUT is above 2.5V
IR2 = Ibr + Vfiltered(R1+R2)
BRNOUT = R2x(Ibr + Vfiltered(R1+R2))
R1 = 1185K
Ω
R2 = 167µA
When BRNOUT is above 2.5V
IR2 = 237µA
BRNOUT = 3.55V
Vref
Idss
4mA
Iiss
10µA
Css
SS
Comp_SS
VF
CT
CT
Comp_osc
1.4V_3.0V
Out
Out
R
S
Q
!Q
Cs_latch
SS
VCT-VF
Tss = Soft start period
Out
2.4V
0.8V
Iiss=10µA
Iiss
Vref
1mA
400µA
CT
CT
Comp_osc
1.4V_3.0V
Out
Out
Vcc
UVLO
Vref
Vref_Status
R
S
Q
!Q
Startup Latch
Comp_brown out
Ibr = 50µA
Vin
2.50V
Brown out
R1
R2
filtered
Ibr
Brown out
2.5V
Ibr=50µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com