Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM007IDT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSM007IDT
Description  Primary PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM007IDT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSM007IDT Datasheet HTML 3Page - STMicroelectronics TSM007IDT Datasheet HTML 4Page - STMicroelectronics TSM007IDT Datasheet HTML 5Page - STMicroelectronics TSM007IDT Datasheet HTML 6Page - STMicroelectronics TSM007IDT Datasheet HTML 7Page - STMicroelectronics TSM007IDT Datasheet HTML 8Page - STMicroelectronics TSM007IDT Datasheet HTML 9Page - STMicroelectronics TSM007IDT Datasheet HTML 10Page - STMicroelectronics TSM007IDT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Functional Description
TSM007
7/12
COMP input
This pin is connected to the current comparator
for current mode control. The pin should be
connected to the collector (primary side) of an
optocoupler which anode (secondary side) is
driven by the output of error amplifier.
The COMP input is used to set the reference level
for the current sense comparator. The current
sense threshold is set to (Vcomp - 2 * Vbe ) / 3.
Standby consumption
The low current value supply in stand by mode
reduces the consumption ..
When Brnout is below 2.5V, Vflitered below 200V
the PWM is off.
==> Icc = Istby.
RP = (Vfiltered-Vz)/Istby
In normal mode, the Vfiltered voltage can go up to
400V.
==> Rpmax dissipation = (Vfiltered-Vin)²/Rp
The Iin current is provided by the auxiliary
winding.
Let’s assume Vfiltered = 200V
Rp = 620K
Ω
Rpmax dissipation = 220mW
Output driver
The OUT totem pole output is capable to sink and
source more than 1.0A (peak) in order to direct
drive a power MOSFET..
Rp
R1
R2
VFiltered
D1
Raux
+
Cd
Brnout
2.5V
Out
Istby
Iin
Istby
1
2
3
4
5
6
8
Brnout
Vin
Out
CS
Comp
Ss
CT
Gnd
TSM007
Gnd
Vin
Out
Rb
28V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com