Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS128K32-XG2LX Datasheet(PDF) 4 Page - Microsemi Corporation

Part # WS128K32-XG2LX
Description  128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

WS128K32-XG2LX Datasheet(HTML) 4 Page - Microsemi Corporation

  WS128K32-XG2LX Datasheet HTML 1Page - Microsemi Corporation WS128K32-XG2LX Datasheet HTML 2Page - Microsemi Corporation WS128K32-XG2LX Datasheet HTML 3Page - Microsemi Corporation WS128K32-XG2LX Datasheet HTML 4Page - Microsemi Corporation WS128K32-XG2LX Datasheet HTML 5Page - Microsemi Corporation WS128K32-XG2LX Datasheet HTML 6Page - Microsemi Corporation WS128K32-XG2LX Datasheet HTML 7Page - Microsemi Corporation WS128K32-XG2LX Datasheet HTML 8Page - Microsemi Corporation WS128K32-XG2LX Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
WS128K32-XXX
September 2010
© 2010 Microsemi Corporation. All rights reserved.
4
Microsemi Corporation • (602) 437-1520 • www.whiteedc.com
Rev. 18
www.microsemi.com
Microsemi Corporation reserves the right to change products or specifications without notice.
AC CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Read Cycle
Symbol
-15
-17
-20
-25
-35
-45
-55
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
15
17
20
25
35
45
55
ns
Address Access Time
tAA
15
17
20
25
35
45
55
ns
Output Hold from Address Change
tOH
0000000
ns
Chip Select Access Time
tACS
15
17
20
25
35
45
55
ns
Output Enable to Output Valid
tOE
10
10
12
15
20
25
30
ns
Chip Select to Output in Low Z
tCLZ1
3333333
ns
Output Enable to Output in Low Z
tOLZ1
0000000
ns
Chip Disable to Output in High Z
tCHZ1
12
12
12
12
15
20
20
ns
Output Disable to Output in High Z
tOHZ1
12
12
12
12
15
20
20
ns
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Write Cycle
Symbol
-15
-17
-20
-25
-35
-45
-55
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
15
17
20
25
35
45
55
ns
Chip Select to End of Write
tCW
14
14
15
20
25
30
45
ns
Address Valid to End of Write
tAW
14
15
15
20
25
30
45
ns
Data Valid to End of Write
tDW
10
10
12
15
20
25
25
ns
Write Pulse Width
tWP
14
14
15
20
25
30
45
ns
Address Setup Time
tAS
0000000
ns
Address Hold Time
tAH
0000000
ns
Output Active from End of Write
tOW1
3333444
ns
Write Enable to Output in High Z
tWHZ1
10
10
12
15
20
25
25
ns
Data Hold Time
tDH
0000000
ns
1. This parameter is guaranteed by design but not tested.
FIGURE. 4 – AC TEST CIRCUIT
AC Test Conditions
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Notes:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75 Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com