Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS128K32-XG2LX Datasheet(PDF) 9 Page - Microsemi Corporation

Part # WS128K32-XG2LX
Description  128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

WS128K32-XG2LX Datasheet(HTML) 9 Page - Microsemi Corporation

  WS128K32-XG2LX Datasheet HTML 1Page - Microsemi Corporation WS128K32-XG2LX Datasheet HTML 2Page - Microsemi Corporation WS128K32-XG2LX Datasheet HTML 3Page - Microsemi Corporation WS128K32-XG2LX Datasheet HTML 4Page - Microsemi Corporation WS128K32-XG2LX Datasheet HTML 5Page - Microsemi Corporation WS128K32-XG2LX Datasheet HTML 6Page - Microsemi Corporation WS128K32-XG2LX Datasheet HTML 7Page - Microsemi Corporation WS128K32-XG2LX Datasheet HTML 8Page - Microsemi Corporation WS128K32-XG2LX Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
WS128K32-XXX
September 2010
© 2010 Microsemi Corporation. All rights reserved.
9
Microsemi Corporation • (602) 437-1520 • www.whiteedc.com
Rev. 18
www.microsemi.com
Microsemi Corporation reserves the right to change products or specifications without notice.
DEVICE TYPE
SPEED
PACKAGE
SMD NO.
128K x 32 SRAM Module
55ns
66 pin HIP (H1)
5962-93187 05H4X
128K x 32 SRAM Module
45ns
66 pin HIP (H1)
5962-93187 06H4X
128K x 32 SRAM Module
35ns
66 pin HIP (H1)
5962-93187 07H4X
128K x 32 SRAM Module
25ns
66 pin HIP (H1)
5962-93187 08H4X
128K x 32 SRAM Module
20ns
66 pin HIP (H1)
5962-93187 09H4X
128K x 32 SRAM Module
17ns
66 pin HIP (H1)
5962-93187 10H4X
128K x 32 SRAM Module
15ns
66 pin HIP (H1)
5962-93187 11H4X
128K x 32 SRAM Module
55ns
68 lead CQFP Low Profile (G4T)1
5962-95595 05HYX1
128K x 32 SRAM Module
45ns
68 lead CQFP Low Profile (G4T)1
5962-95595 06HYX1
128K x 32 SRAM Module
35ns
68 lead CQFP Low Profile (G4T)1
5962-95595 07HYX1
128K x 32 SRAM Module
25ns
68 lead CQFP Low Profile (G4T)1
5962-95595 08HYX1
128K x 32 SRAM Module
20ns
68 lead CQFP Low Profile (G4T)1
5962-95595 09HYX1
128K x 32 SRAM Module
17ns
68 lead CQFP Low Profile (G4T)1
5962-95595 10HYX1
128K x 32 SRAM Module
15ns
68 lead CQFP Low Profile (G4T)1
5962-95595 11HYX1
128K x 32 SRAM Module
55ns
68 lead CQFP/J (G2U)
5962-95595 05HMX
128K x 32 SRAM Module
45ns
68 lead CQFP/J (G2U)
5962-95595 06HMX
128K x 32 SRAM Module
35ns
68 lead CQFP/J (G2U)
5962-95595 07HMX
128K x 32 SRAM Module
25ns
68 lead CQFP/J (G2U)
5962-95595 08HMX
128K x 32 SRAM Module
20ns
68 lead CQFP/J (G2U)
5962-95595 09HMX
128K x 32 SRAM Module
17ns
68 lead CQFP/J (G2U)
5962-95595 10HMX
128K x 32 SRAM Module
15ns
68 lead CQFP/J (G2U)
5962-95595 11HMX
128K x 32 SRAM Module
55ns
68 lead CQFP/J (G2L)
5962-95595 05HAX
128K x 32 SRAM Module
45ns
68 lead CQFP/J(G2L)
5962-95595 06HAX
128K x 32 SRAM Module
35ns
68 lead CQFP/J(G2L)
5962-95595 07HAX
128K x 32 SRAM Module
25ns
68 lead CQFP/J(G2L)
5962-95595 08HAX
128K x 32 SRAM Module
20ns
68 lead CQFP/J(G2L)
5962-95595 09HAX
128K x 32 SRAM Module
17ns
68 lead CQFP/J(G2L)
5962-95595 10HAX
128K x 32 SRAM Module
15ns
68 lead CQFP/J(G2L)
5962-95595 11HAX
Note 1: Package Not Recommended For New Design



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com