Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

82V3155 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 82V3155
Description  ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82V3155 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 82V3155 Datasheet HTML 9Page - Renesas Technology Corp 82V3155 Datasheet HTML 10Page - Renesas Technology Corp 82V3155 Datasheet HTML 11Page - Renesas Technology Corp 82V3155 Datasheet HTML 12Page - Renesas Technology Corp 82V3155 Datasheet HTML 13Page - Renesas Technology Corp 82V3155 Datasheet HTML 14Page - Renesas Technology Corp 82V3155 Datasheet HTML 15Page - Renesas Technology Corp 82V3155 Datasheet HTML 16Page - Renesas Technology Corp 82V3155 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Functional Description
13
January 11, 2017
82V3155
ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
When the IDT82V3155 primarily enters the Holdover mode for a
short time period and then returns back to the Normal mode, the TIE
Control Circuit should not be enabled. This will prevent undesired
accumulated phase change between the input and output.
If the TIE Control Block is disabled manually or automatically, a
reference switch will result in a phase alignment between the input
signal and the output signal as shown in Figure - 6. The slope of the
phase adjustment is limited to 5 ns per 125 µs.
Figure - 5 Reference Switch with TIE Control Block Enabled
Figure - 6 Reference Switch with TIE Control Block Disabled
Input Clock
Ref1
Ref2
Time = 0.00 s
Time = 0.25 s
Time = 0.50 s
Time = 0.75 s
Time = 1.0 s
Time = 1.25 s
Time = 1.50 s
Time = 1.75 s
Output Clock
Input Clock
Ref1
Ref2
Time = 0.00 s
Time = 0.25 s
Time = 0.50 s
Time = 0.75 s
Time = 1.0 s
Time = 1.25 s
Time = 1.50 s
Time = 1.75 s
Output Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com