Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

82V3155 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 82V3155
Description  ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82V3155 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 82V3155 Datasheet HTML 17Page - Renesas Technology Corp 82V3155 Datasheet HTML 18Page - Renesas Technology Corp 82V3155 Datasheet HTML 19Page - Renesas Technology Corp 82V3155 Datasheet HTML 20Page - Renesas Technology Corp 82V3155 Datasheet HTML 21Page - Renesas Technology Corp 82V3155 Datasheet HTML 22Page - Renesas Technology Corp 82V3155 Datasheet HTML 23Page - Renesas Technology Corp 82V3155 Datasheet HTML 24Page - Renesas Technology Corp 82V3155 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
DC Electrical Characteristics
21
January 11, 2017
82V3155
ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
6.2
DIFFERENTIAL OUTPUT PORT (LVDS)
Parameter
Description
Min.
Typ.
Max.
Units
Test Conditions
VOD
Differential Output Voltage
250
350
450
mV
RL = 100
Ω
∆VOD
Change in Magnitude of VOD for
Complementary Output States
4
35
mV
RL = 100
Ω
VOS
Offset Voltage
1.125
1.25
1.375
V
RL = 100
Ω
∆VOS
Change in Magnitude of VOS for
Complementary Output States
5
25
mV
RL = 100
Ω
VOH
Output Voltage High
1.38
1.6
V
RL = 100
Ω
VOL
Output Voltage Low
0.9
1.03
V
RL = 100
Ω
tTLH
Output Rise time
0.3
0.9
ns
RL = 100
Ω
tTHL
Output Fall time
0.3
0.9
ns
RL = 100
Ω
IOS
Output Short Circuit Current
6.0
mA
IOSD
Differential Output Short Circuit Current
6.0
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com