Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C344-15PC/PI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C344-15PC/PI
Description  32-Macrocell MAX EPLD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C344-15PC/PI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C344-15PC/PI Datasheet HTML 1Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 2Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 3Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 4Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 5Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 6Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 7Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 8Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY7C344
Document #: 38-03006 Rev. **
Page 4 of 15
External Synchronous Switching Characteristics[7] Over Operating Range
7C344-15
7C344-20
7C344-25
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tPD1
Dedicated Input to Combinatorial Output Delay[8] Com’l/Ind
15
20
25
ns
Mil
15
20
25
tPD2
I/O Input to Combinatorial Output Delay[9]
Com’l/Ind
15
20
25
ns
Mil
15
20
25
tPD3
Dedicated Input to Combinatorial Output Delay
with Expander Delay[10]
Com’l/Ind
30
30
40
ns
Mil
30
30
40
tPD4
I/O Input to Combinatorial Output Delay with
Expander Delay[4, 11]
Com’l/Ind
30
30
40
ns
Mil
30
30
40
tEA
Input to Output Enable Delay[4]
Com’l/Ind
20
20
25
ns
Mil
20
20
25
tER
Input to Output Disable Delay[4]
Com’l/Ind
20
20
25
ns
Mil
20
20
25
tCO1
Synchronous Clock Input to Output Delay
Com’l/Ind
10
12
15
ns
Mil
10
12
15
tCO2
Synchronous Clock to Local Feedback to Com-
binatorial Output[4, 12]
Com’l/Ind
20
22
29
ns
Mil
20
22
29
tS
Dedicated Input or Feedback Set-Up Time to
Synchronous Clock Input
Com’l/Ind
10
12
15
ns
Mil
10
12
15
tH
Input Hold Time from Synchronous Clock Input[7] Com’l/Ind
0
0
0
ns
Mil
0
0
0
tWH
Synchronous Clock Input HIGH Time[4]
Com’l/Ind
6
7
8
ns
Mil
6
7
8
tWL
Synchronous Clock Input LOW Time[4]
Com’l/Ind
6
7
8
ns
Mil
6
7
8
tRW
Asynchronous Clear Width[4]
Com’l/Ind
20
20
25
ns
Mil
20
20
25
tRR
Asynchronous Clear Recovery Time[4]
Com’l/Ind
20
20
25
ns
Mil
20
20
25
tRO
Asynchronous Clear to Registered Output
Delay[4]
Com’l/Ind
15
20
25
ns
Mil
15
20
25
tPW
Asynchronous Preset Width[4]
Com’l /Ind
20
20
25
ns
Mil
20
20
25
tPR
Asynchronous Preset Recovery Time[4]
Com’l /Ind
20
20
25
ns
Mil
20
20
25
tPO
Asynchronous Preset to Registered Output
Delay[4]
Com’l /Ind
15
20
25
ns
Mil
15
20
25
tCF
Synchronous Clock to Local Feedback Input[4, 13] Com’l /Ind
4
4
7
ns
Mil
4
4
7
tP
External Synchronous Clock Period (1/fMAX3)
[4]
Com’l/Ind
13
14
16
ns
Mil
13
14
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com