Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C344-15PC/PI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C344-15PC/PI
Description  32-Macrocell MAX EPLD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C344-15PC/PI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C344-15PC/PI Datasheet HTML 1Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 2Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 3Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 4Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 5Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 6Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 7Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 8Page - Cypress Semiconductor CY7C344-15PC/PI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
32-Macrocell MAX® EPLD
CY7C344
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-03006 Rev. **
Revised July 18, 2000
44B
Features
• High-performance, high-density replacement for TTL,
74HC, and custom logic
• 32 macrocells, 64 expander product terms in one LAB
• 8 dedicated inputs, 16 I/O pins
• 0.8-micron double-metal CMOS EPROM technology
• 28-pin, 300-mil DIP, cerDIP or 28-pin HLCC, PLCC
package
Functional Description
Available in a 28-pin, 300-mil DIP or windowed J-leaded ce-
ramic chip carrier (HLCC), the CY7C344 represents the dens-
est EPLD of this size. Eight dedicated inputs and 16 bidirec-
tional I/O pins communicate to one logic array block. In the
CY7C344 LAB there are 32 macrocells and 64 expander prod-
uct terms. When an I/O macrocell is used as an input, two
expanders are used to create an input path. Even if all of the
I/O pins are driven by macrocell registers, there are still 16
“buried” registers available. All inputs, macrocells, and I/O pins
are interconnected within the LAB.
The speed and density of the CY7C344 makes it a natural for
all types of applications. With just this one device, the designer
can implement complex state machines, registered logic, and
combinatorial “glue” logic, without using multiple chips. This
architectural flexibility allows the CY7C344 to replace multi-
chip TTL solutions, whether they are synchronous, asynchro-
nous, combinatorial, or all three.
Selection Guide
7C344-15
7C344-20
7C344-25
Maximum Access Time (ns)
15
20
25
Maximum Operating Current
(mA)
Commercial
200
200
200
Military
220
220
Industrial
220
220
220
Maximum Standby Current
(mA)
Commercial
150
150
150
Military
170
170
Industrial
170
170
170
Note:
1.
Numbers in () refer to J-leaded packages.
C344–1
Logic Block Diagram
MACROCELL 2
MACROCELL 4
MACROCELL 6
MACROCELL 8
MACROCELL 10
MACROCELL 12
MACROCELL 14
MACROCELL 16
MACROCELL 18
MACROCELL 20
MACROCELL 22
MACROCELL 24
MACROCELL 26
MACROCELL 28
MACROCELL 30
MACROCELL 32
MACROCELL 1
MACROCELL 3
MACROCELL 5
MACROCELL 7
MACROCELL 9
MACROCELL 11
MACROCELL 13
MACROCELL 15
MACROCELL 17
MACROCELL 19
MACROCELL 21
MACROCELL 23
MACROCELL 25
MACROCELL 27
MACROCELL 29
MACROCELL 31
G
L
O
B
A
L
B
U
S
I
O
C
O
N
T
R
O
L
INPUT
INPUT
INPUT
INPUT
15(22)
15(23)
27(6)
28(7)
INPUT
1(8)
INPUT/CLK
2(9)
INPUT
13(20)
INPUT
14(21)
I/O
3(10)
I/O
4(11)
I/O
5(12)
I/O
6(13)
I/O
9(16)
I/O
10(17)
I/O
11(18)
I/O
12(19)
I/O
17(24)
I/O
18(25)
I/O
19(26)
I/O
20(27)
I/O
23(2)
I/O
24(3)
I/O
25(4)
I/O
26(5)
64 EXPANDER PRODUCT TERM ARRAY
32
Pin Configurations
Top View
HLCC
25
24
23
22
21
20
19
5
6
7
8
9
10
11
12 13 14 1516 1718
4 3 2
28 27 26
I/O
I/O
INPUT
INPUT
INPUT
I/O
I/O
INPUT
INPUT
INPUT/CLK
I/O
I/O
1
INPUT
C344–2
INPUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
INPUT
INPUT
Top View
CerDIP
INPUT/CLK
I/O
I/O
I/O
I/O
VCC
GND
I/O
I/O
I/O
I/O
INPUT
INPUT
INPUT
I/O
I/O
I/O
I/O
VCC
GND
I/O
I/O
I/O
I/O
INPUT
INPUT
C344–3
[
1]


Similar Part No. - CY7C344-15PC/PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C344-15PC/PI CYPRESS-CY7C344-15PC/PI Datasheet
241Kb / 16P
32-Macrocell MAX EPLD
April 19, 2004
CY7C344-15PC/PI CYPRESS-CY7C344-15PC/PI Datasheet
296Kb / 17P
32-Macrocell MAX짰 EPLD
CY7C344-15PC/PI CYPRESS-CY7C344-15PC/PI Datasheet
494Kb / 15P
32-Macrocell MAX짰 EPLD
CY7C344-15PC/PI CYPRESS-CY7C344-15PC/PI Datasheet
556Kb / 15P
32-Macrocell MAX짰 EPLD
More results

Similar Description - CY7C344-15PC/PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
192-Macrocell MAX EPLD
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
32-Macrocell MAX EPLD
April 19, 2004
CY7C343 CYPRESS-CY7C343 Datasheet
214Kb / 19P
64-Macrocell MAX EPLD
CY7C346B CYPRESS-CY7C346B Datasheet
282Kb / 16P
128-Macrocell MAX EPLD
CY7C343B CYPRESS-CY7C343B Datasheet
173Kb / 12P
64-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
32-Macrocell MAX짰 EPLD
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
32-Macrocell MAX짰 EPLD
5962-9061102XX CYPRESS-5962-9061102XX Datasheet
579Kb / 15P
32-Macrocell MAX짰 EPLD
CY7C344-20JI CYPRESS-CY7C344-20JI Datasheet
556Kb / 15P
32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
128-Macrocell MAX EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com