| Electronic Components Datasheet Search |
|
M28W320CT100ZB6T Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W320CT100ZB6T Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 42 page ![]() M28W320CT, M28W320CB 12/42 Program (PG) The memory array can be programmed word-by- word. This instruction uses two write cycles. The first command written is the Program Set-up com- mand 40h (or 10h). A second write operation latch- es the Address and the Data to be written and starts the P/E.C. Read operations output the Status Register con- tent after the programming has started. The Status Register bit b7 returns ’0’ while the programming is in progress and ’1’ when it has completed. After completion the Status register bit b4 returns ’1’ if there has been a Program Failure. Status register bit b1 returns ’1’ if the user is attempting to pro- gram a protected block. Status Register bit b3 re- turns a ’1’ if VPP is below VPPLK. Programming aborts if RP goes to VIL. As data integrity cannot be guaranteed when the program operation is aborted, the memory location must be erased and reprogrammed. A Clear Status Register instruc- tion must be issued to reset b4, b3 and b1 of the Status Register. During the execution of the program by the P/E.C., the memory accepts only the RSR (Read Status Register) and PES (Program/Erase Suspend) in- structions. Double Word Program (DPG) This feature is offered to improve the programming throughput, writing a page of two adjacent words in parallel.The two words must differ only for the address A0. Programming should not be attempt- ed when VPP is not at VPPH. The operation can also be executed if VPP is below VPPH but result could be uncertain. This instruction uses three write cycles. The first command written is the Dou- ble Word Program Set-Up command 30h. A sec- ond write operation latches the Address and the Data of the first word to be written, the third write operation latches the Address and the Data of the second word to be written and starts the P/E.C. Read operations output the Status Register con- tent after the programming has started. The Status Register bit b7 returns ’0’ while the programming is in progress and ’1’ when it has completed. After completion the Status register bit b4 returns ’1’ if there has been a Program Failure. Status register bit b1 returns ’1’ if the user is attempting to pro- gram a protected block. Status Register bit b3 re- turns a ’1’ if VPP is below VPPLK. Programming aborts if RP goes to VIL. As data integrity cannot be guaranteed when the program operation is aborted, the memory location must be erased and reprogrammed. A Clear Status Register instruc- tion must be issued to reset b4, b3 and b1 of the Status Register. During the execution of the program by the P/E.C., the memory accepts only the RSR (Read Status Register) and PES (Program/Erase Suspend) in- structions. Clear Status Register (CLRS) The Clear Status Register uses a single write op- eration which clears bits b1, b3, b4 and b5 to 0. Its use is necessary before any new operation when an error has been detected. The Clear Status Register is executed writing the command 50h. Program/Erase Suspend (PES) Program/Erase suspend is accepted only during the Program Erase instruction execution. When a Program/Erase Suspend command is written to the C.I., the P/E.C. freezes the Program/Erase op- eration. Program/Erase Resume (PER) continues the Program/Erase operation. Program/Erase Suspend consists of writing the command B0h without any specific address. The Status Register bit b2 is set to ’1’ (within 5 µs) when the program has been suspended. b2 is set to ’0’ in case the program is completed or in progress. The Status Register bit b6 is set to ’1’ (within 30 µs) when the erase has been suspend- ed. b6 is set to ’0’ in case the erase is completed or in progress. The valid commands while erase is suspended are: Program/Erase Resume, Pro- gram, Read Array, Read Status Register, Read Identifier, CFI Query, Block Protect, Block Unpro- tect, Block Lock and Protection Program. The user can protect the Block being erased issuing the Block Protect, Block Lock or Protection Program commands. In this case the protection status bit will change immediately, but when the erase is re- sumed, the operation will complete The valid com- mands while program is suspended are: Program/ Erase Resume, Read Array, Read Status Regis- ter, Read Identifier, CFI Query. During program/erase suspend mode, the chip can be placed in a pseudo-stand-by mode by tak- ing E to VIH This reduces active current consump- tion. Program/Erase is aborted if RP turns to VIL. Program/Erase Resume (PER) If a Program/Erase Suspend instruction was previ- ously executed, the program/erase operation may be resumed by issuing the command D0h. The status register bit b2/b6 is cleared when program/ erase resumes. Read operations output the status register after the program/erase is resumed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |