| Electronic Components Datasheet Search |
|
M28W320CT100ZB6T Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W320CT100ZB6T Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 42 page ![]() M28W320CT, M28W320CB 14/42 BLOCK PROTECTION The M28W320C provide a flexible protection of all the memory providing the protection unprotection and locking of any blocks. All blocks are protected at power-up. Each block of the array has two lev- els of protection against program or erase opera- tion. The first level is set by the Block Protect instruction; a protected block cannot be pro- grammed or erased until a Block Unprotect in- struction is given for that block. A second level of protection is set by the Block Lock instruction, and requires the use of the WP pin, according to the following scheme: – when WP is at VIH, the Lock status is overridden and all blocks can be protected or unprotected; – when WP is at VIL, Lock status is enabled; the locked blocks are protected, regardless of their previous protect state, and protection status cannot be changed. Blocks that are not locked can still change their protection status; – the lock status is cleared for all blocks at power up. The protection and lock status can be monitored for each block using the Read Electronic Signature (RSIG) instruction. Protected blocks will output a ’1’ on DQ0 and locked blocks will output a ’1’ in DQ1. PROTECTION REGISTER and SECURITY BLOCK The M28W320C features a 128-bit protection reg- ister and a security Block in order to increase the protection of a system design. The Protection Register is divided in two 64-bit segment. The first segment (81h to 84h) is a unique device number, while the second one (85h to 88h) can be pro- grammed by the user. When shipped the user pro- grammable segment is read at ’1’. It can be only programmed at ’0’; The user programmable segment can be protect- ed writing the bit 1 of the Protection Lock register (80h). The bit 1 protect also the bit 2 of the Protec- tion Lock Register. The M28W320C feature a se- curity Block. The security Block is located at 1FF000-1FFFFF (M28W320CT) or at 000000- 000FFF (M28W320CB) of the device. This block can be permanently protected by the user pro- gramming the bit 2 of the Protection Lock Register. The protection Register and the Protection Lock Register can be read using the RSIG command. A subsequent read in the address starting from 80h to 88h, the user will retrieve respectively the Pro- tection Lock register, the unique device number segment and the OTP user programmable register segment (see Table 8). Figure 4. Security Block Memory Map AI03523 Parameter Block # 0 User Programmable OTP Unique device number Protection Register Lock 2 1 0 88h 85h 84h 81h 80h |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |