Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2119AU/2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF2119AU/2
Description  LCD controllers/drivers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2119AU/2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF2119AU/2 Datasheet HTML 3Page - NXP Semiconductors PCF2119AU/2 Datasheet HTML 4Page - NXP Semiconductors PCF2119AU/2 Datasheet HTML 5Page - NXP Semiconductors PCF2119AU/2 Datasheet HTML 6Page - NXP Semiconductors PCF2119AU/2 Datasheet HTML 7Page - NXP Semiconductors PCF2119AU/2 Datasheet HTML 8Page - NXP Semiconductors PCF2119AU/2 Datasheet HTML 9Page - NXP Semiconductors PCF2119AU/2 Datasheet HTML 10Page - NXP Semiconductors PCF2119AU/2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
2003 Jan 30
7
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119X
7
FUNCTIONAL DESCRIPTION
7.1
LCD supply voltage generator
The LCD supply voltage may be generated on-chip. The
voltage generator is controlled by two internal 6-bit
registers: VA and VB. The nominal LCD operating voltage
at room temperature is given by the relationship:
7.2
Programming ranges
Programmed value: 1 to 63. Voltage: 1.90 to 6.86 V.
Tref =27 °C.
Values producing more than 6.5 V at operating
temperature are not allowed. Operation above this
voltage may damage the device. When programming the
operating voltage the VLCD temperature coefficient must
be taken into account.
Values below 2.2 V are below the specified operating
range of the chip and are therefore not allowed.
Value 0 for VA and VB switches the generator off
(i.e. VA = 0 in character mode, VB = 0 in icon mode).
Usually register VA is programmed with the voltage for
character mode and register VB with the voltage for icon
mode.
When VLCD is generated on-chip the VLCD pads should be
decoupled to VSS with a suitable capacitor. The generated
VLCD is independent of VDD and is temperature
compensated.
When the generator and the direct mode are switched off
an external voltage may be supplied at connected pads
VLCD1. VLCD1 may be higher or lower than VDD.
During direct mode (program DM register bit) the internal
voltage generator is turned off and the VLCD output voltage
is directly connected to VDD2. This reduces the current
consumption during icon mode and Mux 1 : 9 (depending
on the VDD2 value and the LCD liquid properties).
The LCD supply voltage generator ensures that, as long as
VDD is in the valid range (2.2 to 4 V), the required peak
voltage VOP = 6.5 V can be generated at any time.
7.3
LCD bias voltage generator
The intermediate bias voltages for the LCD display are
also generated on-chip. This removes the need for an
external resistive bias chain and significantly reduces the
system current consumption. The optimum value of VLCD
depends on the multiplex rate, the LCD threshold voltage
(Vth) and the number of bias levels. Using a 5-level bias
scheme for 1 : 18 maximum rate allows VLCD < 5 V for
most LCD liquids. The intermediate bias levels for the
different multiplex rates are shown in Table 2. These bias
levels are automatically set to the given values when
switching to the corresponding multiplex rate.
V
OP(nom)
integer value of register
0.08
×
() 1.82
+
=
Table 2
Bias levels as a function of multiplex rate
Note
1. The values in the above table are given relative to Vop − Vss, e.g. 3/4 means 3/4 × (Vop − Vss).
MULTIPLEX
RATE
NUMBER
OF LEVELS
V1
V2
V3
V4
V5
V6
1:18
5
Vop
3/4(1)
1/2
1/2
1/4
Vss
1:9
5
Vop
3/4
1/2
1/2
1/4
Vss
1:2
4
Vop
2/3
2/3
1/3
1/3
Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com