Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2119AU/2 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF2119AU/2
Description  LCD controllers/drivers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2119AU/2 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF2119AU/2 Datasheet HTML 21Page - NXP Semiconductors PCF2119AU/2 Datasheet HTML 22Page - NXP Semiconductors PCF2119AU/2 Datasheet HTML 23Page - NXP Semiconductors PCF2119AU/2 Datasheet HTML 24Page - NXP Semiconductors PCF2119AU/2 Datasheet HTML 25Page - NXP Semiconductors PCF2119AU/2 Datasheet HTML 26Page - NXP Semiconductors PCF2119AU/2 Datasheet HTML 27Page - NXP Semiconductors PCF2119AU/2 Datasheet HTML 28Page - NXP Semiconductors PCF2119AU/2 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
2003 Jan 30
25
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119X
Table 7
Explanations of symbols used in Table 6
Table 8
Explanation of TC1 and TC2 used in Table 6
Note
1. For values of the temperature coefficients, see Chapter 13
BIT
STATE
LOGIC 0
LOGIC 1
I/D
decrement
increment
S
display freeze
display shift
D
display off
display on
C
cursor off
cursor on
B
cursor character blink off: character at cursor
position does not blink
cursor character blink on: character at cursor
position blinks
S/C
cursor move
display shift
R/L
left shift
right shift
DL
4 bits
8 bits
H
use basic instruction set
use extended instruction set
L (no impact, if
M = 1 or SL = 1)
left/right screen: standard connection (as in
PCF2114)
left/right screen: mirrored connection (as in
PCF2116)
1st 16 characters of 32: columns are from
1to80
1st 16 characters of 32: columns are from
1to80
2nd 16 characters of 32: columns are from
1to80
2nd 16 characters of 32: columns are from
80 to 1
P
column data: left to right (as in PCF2116);
column data is displayed from 1 to 80
column data: right to left; column data is
displayed from 80 to 1
Q
row data top to bottom (as in PCF2116):
row data bottom to top:
row data is displayed from 1 to 16 and icon row
data in 17 and 18
row data is displayed from 16 to 1 and icon row
data in 18 and 17
in single line mode (SL = 1) row data is
displayed from 1 to 8 and icon row data in 17
in single line mode (SL = 1) row data is
displayed from 8 to 1 and icon row data in 17
IM
character mode; full display
icon mode; only icons displayed
IB
icon blink disabled
icon blink enabled
DM
direct mode disable
direct mode enable
V
set VA
set VB
M (no impact, if
SL = 1)
1-line by 32 display
2-line by 16 display
SL
MUX 1 : 18 (1
× 32 or 2 × 16 character display)
MUX1:9 (1
× 16 character display)
C0
last control byte; see Table 5
another control byte follows after data/command
TC1
TC2
DESCRIPTION(1)
00
VLCD temperature coefficient 0
10
VLCD temperature coefficient 1
01
VLCD temperature coefficient 2
11
VLCD temperature coefficient 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com