Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2119RU/2 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCF2119RU/2
Description  LCD controllers/drivers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2119RU/2 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCF2119RU/2 Datasheet HTML 41Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 42Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 43Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 44Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 45Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 46Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 47Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 48Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
2003 Jan 30
45
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119X
16.2
Charge pump characteristics
Typical graphs of the total power consumption of the
PCF2119x using the internal charge pump are illustrated
in Figs.34 to 36.
The graphs were obtained under the following conditions:
• Tamb =25 °C
• VDD1 =VDD2 =VDD3 = 2.2 V (min.), 2.7 V (typ.) and 4 V
(max.)
• Normal mode
• fosc = internal oscillator
• Mux 1 : 18
• Typical current load for ILCD =10 µA.
For each multiplication factor there is a separate line. The
line ends where it is not possible to get a higher voltage
under its conditions (a higher multiplication factor is
needed to get higher voltages).
Connecting different displays may result in different
current consumption. This affects the efficiency and the
optimum multiplication factor to be used to generate a
certain output voltage.
handbook, full pagewidth
0
0
50
100
150
200
250
300
350
400
2.75
3.5
4.25
5
5.75
6.5
7.25
Vop (V)
IDD
(
µA)
(1)
(2)
(3)
MGW573
Fig.34 Typical charge pump characteristics for VDD = 2.2 V.
(1) 2
× multiplication factor.
(2) 3
× multiplication factor.
(3) 4
× multiplication factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com