Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2119RU/2 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # PCF2119RU/2
Description  LCD controllers/drivers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2119RU/2 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button PCF2119RU/2 Datasheet HTML 57Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 58Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 59Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 60Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 61Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 62Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 63Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 64Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
2003 Jan 30
61
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119X
Fig.41 Tray details.
handbook, full pagewidth
MGR977
A
1,1
1,2
2,1
3,1
x,1
x,y
1,y
2,2
1,3
E
x
y
F
D
B
Table 20 Dimensions for Fig.41
Fig.42 Tray alignment.
The orientation of the IC in a pocket is indicated by the position of the
IC type name on the die surface with respect to the chamfer on the
upper left corner of the tray. Refer to the bonding pad location
diagram for the orientating and position of the type name on the die
surface.
MGR978
handbook, halfpage
PC2119-2
DIM.
DESCRIPTION
VALUE
A
pocket pitch, x direction
10.16 mm
B
pocket pitch, y direction
4.45 mm
C
pocket width, x direction
7.74 mm
D
pocket width, y direction
1.91 mm
E
tray width, x direction
50.8 mm
F
tray width, y direction
50.8 mm
x
number of pockets in x
direction
4
y
number of pockets in y
direction
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com