Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST-ONEMPTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST-ONEMPTR
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMPTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST-ONEMPTR Datasheet HTML 8Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 9Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 10Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 11Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 12Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 13Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 14Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 15Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Load switch gate driver
IORON
Load switch turn-on
current
10
μA
VORON
Load switch-on
voltage
Referred to SVCC
SVCC < 12 V
4
5
7
V
Referred to SVCC
SVCC >= 12 V
4
5
6.5
V
Current sense
VCSM
CSM input range(3)
0
50
mV
VSCSOFF
Current sense input
offset
Including ADC accuracy
Input signal > 4 mV
-0.5
0.5
mV
VCSFSR
Current sense full
scale range
CSP – CSM voltage
25
mV
CMRR
Common mode
rejection
100 kHz – 1 MHz, 10 mV signal(4)
50
dB
Voltage sense
VFSR
Full scale range for
SVCC & VOSNS
reading
VSET(5) = 00
6
V
VSET(5) = 01
12
V
VSET(5) = 10
24
V
Gain error
Including ADC contribution Tj = 0 to
125 °C.
-1
1
%
Offset
Including ADC contribution Tj = 0 to
125 °C
-0.2% * VFSR
0.2% * VFSR
V
Adc
Nbit
Number of bits
12
INL
Integral non linearity
3% VREF < VIN < 95% VREF(4)
-3
3
LSB
DNL
Differential non
linearity
3% VREF < VIN < 95% VREF(4)
-2
2
LSB
Wake-up comparator
VWUP
Wake-up threshold
DAC(2) = 0000, FSR(5) = 6 V
4.9
V
DAC(2) = 0001, FSR(5) = 6 V
4.95
V
DAC(2) = 0010, FSR(5) = 6 V
5
V
DAC(2) = 0011, FSR(5) = 6 V
5.05
V
DAC(2) = 0100, FSR(5) = 12 V
8.82
V
DAC(2) = 0101, FSR(5) = 12 V
8.91
V
DAC(2) = 0110, FSR(5) = 12 V
9
V
DAC(2) = 0111, FSR(5) = 12 V
9.09
V
DAC(2) = 1100, FSR(5) = 24 V
11.76
V
DAC(2) = 1101, FSR(5) = 24 V
11.88
V
DAC(2) = 1110, FSR(5) = 24 V
12
V
DAC(2) = 1111, FSR(5) = 24 V
12.12
V
DAC(2) = 1000, FSR(5) = 24 V
14.7
V
ST-ONEMP
Electrical data
DS13989 - Rev 2
page 12/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com