Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST-ONEMPTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST-ONEMPTR
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMPTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST-ONEMPTR Datasheet HTML 15Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 16Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 17Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 18Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 19Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 20Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 21Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 22Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
8.5
Switching modes
The following sections describe the switching modes which are used by the device depending on the output
power to be delivered.
8.5.1
Normal switching mode
The controller operates a non-complementary active clamp converter. The main waveforms are shown in
Figure 8.
Figure 8. Normal operation waveforms
Ipri
Isec
Vlsd
Vlsg
Vhsg
Vsrg
1
2 3
4
5
7
6
The converter operation is similar to a traditional QR flyback, with the addition of a clamp switch to recover the
energy in the transformer leakage inductance at low-side turn-off and uses the energy to obtain soft switching
at low-side turn-on. In particular, the high-side is turned on for a time proportional to the input/output conversion
ratio in order to limit the circulating current to what is required to obtain soft switching at low-side turn-on. The
synchronous rectifier is kept on after high-side turn-on to obtain zero secondary side current before the high-side
is turned off and a new cycle is started through a resonance between the leakage inductance and the clamp
capacitor.
The phases are as follows:
1.
LS turn-on. The on timing and peak current are defined by the secondary side controller. The phase
terminates when the primary side peak current comparator is triggered.
2.
Deadtime. A deadtime is inserted between LS turn-on and HS / SR turn-on.
3.
SR turn-on / first HS turn-on. When the secondary side ZCD12 comparator is triggered, the secondary
side commands the turn-on of both SR and HS switches. During this phase the current in the primary side
leakage inductance drops to 0, while the energy is stored in the clamp capacitor. The HS switch turn-on is
not strictly required but improves the efficiency of the system by avoiding conduction through the HS body
diode. The duration of the first HS pulse can be controlled by the configuration parameters.
4.
During phase 4 current flows on the secondary side through the SR FET. The phase terminates when the
IZCD comparator is triggered (current on the secondary side reached 0).
5.
HS is turned on to recover the energy stored in the clamp capacitor in phase 3 and to store energy in the
primary side inductance to force a soft switching. During this phase the leakage inductance resonates with
the clamp capacitor, creating a bump on the output current. When the current reaches 0 the SR is turned
off. The duration of this phase is configured through programmable parameters.
6.
Extra HS turn-on time may be added to increase the energy stored in the magnetizing inductor, in
particular at low output and high input voltage. The firmware calculates the duration of this phase based on
parameters.
7.
Deadtime. The deadtime between HS and LS is controlled by the secondary side through the parameter
DT_HVG_LVG.
ST-ONEMP
Switching modes
DS13989 - Rev 2
page 19/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com