| Electronic Components Datasheet Search |
|
STM32U595QJ Datasheet(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595QJ Datasheet(HTML) 62 Page - STMicroelectronics |
|
62 / 377 page ![]() Functional overview STM32U59xxx 62/377 DS13633 Rev 1 The OCTOSPI supports the following protocols with associated frame formats: • the standard frame format with the command, address, alternate byte, dummy cycles and data phase • the HyperBus™ frame format The OCTOSPI offers the following features: • Three functional modes: Indirect, Status-polling, and Memory-mapped • Read and write support in Memory-mapped mode • Supports for single, dual, quad and octal communication • Dual-quad mode, where eight bits can be sent/received simultaneously by accessing two quad memories in parallel. • SDR (single-data rate) and DTR (double-transfer rate) support • Data strobe support • Fully programmable opcode • Fully programmable frame format • HyperBus support • Integrated FIFO for reception and transmission • 8-, 16-, and 32-bit data accesses allowed • DMA channel for Indirect mode operations • Interrupt generation on FIFO threshold, timeout, operation complete, and access error 3.27.1 OCTOSPI TrustZone security When the TrustZone security is enabled, the whole OCTOSPI bank is secure after reset. Up to two nonsecure area can be configured thought the TZSC MPCWM1 and MPCWM5 controllers with a granularity of 64 Kbytes. The OCTOSPI registers can be configured as secure through the TZSC controller. 3.28 OCTOSPI I/O manager (OCTOSPIM) The OCTOSPI I/O manager is a low-level interface enabling: • efficient OCTOSPI pin assignment with a full I/O matrix (before alternate function map) • multiplex of Single-, Dual-, Quad-, Octal-SPI interfaces over the same bus and hence support memories embedded in a multichip package The OCTOSPIM main features are: • Supports up to two Single-, Dual-, Quad-, Octal-SPI interfaces • Supports up to two ports for pin assignment • Fully programmable I/O matrix for pin assignment by function (data/control/clock) 3.29 Delay block (DLYB) The delay block (DLYB) is used to generate an output clock that is dephased from the input clock. The phase of the output clock must be programmed by the user application. The output clock is then used to clock the data received by another peripheral such as |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |