| Electronic Components Datasheet Search |
|
STM32U595QJ Datasheet(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595QJ Datasheet(HTML) 75 Page - STMicroelectronics |
|
75 / 377 page ![]() DS13633 Rev 1 75/377 STM32U59xxx Functional overview 94 The LTDC main features are: • 24-bit RGB parallel pixel output; 8 bits-per-pixel (RGB888) • 2 display layers with dedicated FIFO (64x32-bit) • Color look-up table (CLUT) up to 256 color (256x24-bit) per layer • Programmable timings for different display panels • Programmable background color • Programmable polarity for HSYNC, VSYNC and data enable • Up to 8 input color formats selectable per layer: – ARGB8888 – RGB888 – RGB565 – ARGB1555 – ARGB4444 – L8 (8-bit luminance or CLUT) – AL44 (4-bit alpha + 4-bit luminance) – AL88 (8-bit alpha + 8-bit luminance) • Pseudo-random dithering output for low bits per channel – Dither width 2 bits for Red, Green, Blue • Flexible blending between two layers using alpha value (per pixel or constant) • Color keying (transparency color) • Programmable window position and size • Supports thin film transistor (TFT) color displays • AHB master interface with burst of 16 words • Up to 4 programmable interrupt events 3.40 DSI Host controller (DSI) The display serial interface (DSI) is part of a group of communication protocols defined by the MIPI Alliance. The MIPI DSI Host controller is a digital core that implements all protocol functions defined in the MIPI DSI specification. It provides an interface between the system (LTDC and APB interface) and the MIPI D-PHY, allowing the user to communicate with a DSI-compliant display. The DSI main features are: • Compliant with MIPI Alliance standards • Interface with internal MIPI D-PHY • Supports all commands defined in the MIPI Alliance specification for DCS: – Transmission of all command mode packets through the APB interface – Transmission of commands in low-power and high-speed during video mode • Support of up to 2 D-PHY data lanes • Bidirectional communication and escape mode support through data lane 0 • Support of non-continuous clock in D-PHY clock lane for additional power saving • Support of ultra low-power mode with PLL disabled • ECC and checksum capabilities |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |