Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U595QJ Datasheet(PDF) 225 Page - STMicroelectronics

Part # STM32U595QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QJ Datasheet(HTML) 225 Page - STMicroelectronics

Back Button STM32U595QJ Datasheet HTML 221Page - STMicroelectronics STM32U595QJ Datasheet HTML 222Page - STMicroelectronics STM32U595QJ Datasheet HTML 223Page - STMicroelectronics STM32U595QJ Datasheet HTML 224Page - STMicroelectronics STM32U595QJ Datasheet HTML 225Page - STMicroelectronics STM32U595QJ Datasheet HTML 226Page - STMicroelectronics STM32U595QJ Datasheet HTML 227Page - STMicroelectronics STM32U595QJ Datasheet HTML 228Page - STMicroelectronics STM32U595QJ Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 377 page
background image
IDD(SRAM2)
Supply current to be
added in Standby mode
when full SRAM2 is
retained
SMPS
1.8
0.945 1.855
5.1
9.5
17.45
µA
2.4
0.715
1.56
4
7.3
13
3
0.705
1.25
3.35
6.35
12
3.3
0.655
1.3
3.1
5.9
11
3.6
0.55
1.2
2.85
5.5
10
IDD
(SRAM2_8K)
Supply current to be
added in Standby mode
when SRAM2 8KB
page 1 is retained
1.8
0.39
0.755
2
3.55
6.45
2.4
0.315
0.76
1.15
3.45
6.5
3
0.205
0.5
1.4
2.8
5.5
3.3
0.255
0.45
1.4
2.4
5
3.6
0.25
0.45
1.1
2
3.5
1. RTC with default configuration but RTC_CALR.LPCAL = 1.
2. Current consumption with IWDG enabled is similar.
Table 60. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
Typ
Unit
-VDD (V) 25°C
55°C
85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com