Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D5D20F Datasheet(PDF) 78 Page - STMicroelectronics

Part # VN9D5D20F
Description  4 channel high-side driver with 24-bit SPI interface for automotive applications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D5D20F Datasheet(HTML) 78 Page - STMicroelectronics

Back Button VN9D5D20F Datasheet HTML 74Page - STMicroelectronics VN9D5D20F Datasheet HTML 75Page - STMicroelectronics VN9D5D20F Datasheet HTML 76Page - STMicroelectronics VN9D5D20F Datasheet HTML 77Page - STMicroelectronics VN9D5D20F Datasheet HTML 78Page - STMicroelectronics VN9D5D20F Datasheet HTML 79Page - STMicroelectronics VN9D5D20F Datasheet HTML 80Page - STMicroelectronics VN9D5D20F Datasheet HTML 81Page - STMicroelectronics VN9D5D20F Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 96 page
background image
10
Maximum demagnetization energy (VCC = 16 V)
Figure 36. Maximum turn-off current versus inductance - Ch0,1 - Bulb mode
L (mH)
0.1
1
10
100
0.01
0.1
1
10
100
1000
Repetitive pulse TJstart = 100 °C
Repetitive pulse TJstart = 125 °C
VN9D5D20F OUT0,1 Bulb - Single Pulse
Figure 37. Maximum turn-off current versus inductance - Ch0,1 - LED mode
L (mH)
0.1
1
10
100
0.01
0.1
1
10
100
1000
VN9D5D20F OUT0,1 LED - Single Pulse
Repetitive pulse TJstart = 100 °C
Repetitive pulse TJstart = 125 °C
VN9D5D20F
Maximum demagnetization energy (VCC = 16 V)
DS12936 - Rev 6
page 78/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com