Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D5D20FN Datasheet(PDF) 40 Page - STMicroelectronics

Part # VN9D5D20FN
Description  4 channel high-side driver with 24-bit SPI interface for automotive applications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D5D20FN Datasheet(HTML) 40 Page - STMicroelectronics

Back Button VN9D5D20FN Datasheet HTML 36Page - STMicroelectronics VN9D5D20FN Datasheet HTML 37Page - STMicroelectronics VN9D5D20FN Datasheet HTML 38Page - STMicroelectronics VN9D5D20FN Datasheet HTML 39Page - STMicroelectronics VN9D5D20FN Datasheet HTML 40Page - STMicroelectronics VN9D5D20FN Datasheet HTML 41Page - STMicroelectronics VN9D5D20FN Datasheet HTML 42Page - STMicroelectronics VN9D5D20FN Datasheet HTML 43Page - STMicroelectronics VN9D5D20FN Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
CTRL
Control register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RW
RW
RW
RW
RW
RW
R
R
R
RW
RW
RW
RW
RW
W
R
Address:
0x14h
Type:
RW
Reset:
0
Description:
Control register
[15]
GOSTBY: Go to standby.
It is necessary to do 2 write accesses to enter standby:
1.
Write UNLOCK = 1
2.
Write GOSTBY = 1 and EN = 0
[14]
UNLOCK: unlock bit
UNLOCK bit allows protected SPI transactions. It means that the next SPI communication will automatically clear this
bit and prevent any change of protected data (like slope control or BULB/LED mode for example). As a consequence,
modifying a protected data requires to set UNLOCK bit in a first communication and write the protected data during the next
communication.
[13:12]
CTDTH[1:0]: Case thermal detection threshold. These bits allow to configure the case thermal detection of the device. Three
temperature thresholds are available by programming these two bits.
1.
CTDTH1:0 CTDTH0:0 = detection temperature:120 °C
2.
CTDTH1:0 CTDTH0:1 = detection temperature:130 °C
3.
CTDTH1:1 CTDTH0:X = detection temperature:140 °C
[11]
EN: enter normal mode
1 - normal mode
0 - fail-safe mode
It is necessary to do 2 write accesses to enter normal mode:
1.
Write UNLOCK = 1
2.
Write EN = 1
[10]
PWM_TRIG: PWM triggering mode
0: PWM trigger according to the rising edge of PWM period and phase shift configuration
1: PWM trigger according to the falling edge of PWM period and phase shift configuration
[9:7]
RESERVED
[6:2]
LOCKEN[4:0]: Protected transaction mode
LOCKEN4: Lock enable for slope control SLOPECRx
LOCKEN3: Lock enable for BULB/LED mode CCRx
LOCKEN2: Lock enable for phase shift CHPHAx
LOCKEN1: Lock enable for configurable blanking time CHLOFFTCRx
LOCKEN0: Lock enable for PWM clock synchronization
When the bit is set (LOCKENx = 1), it is used to have a protected transaction:
•
setting UNLOCK bit
•
modify the relevant configuration register
When LOCKENx=0 (reset value), the related configuration registers are altered with a simple write command.
VN9D5D20FN
Control registers
DS13579 - Rev 7
page 40/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com