Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32C011F6P6 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32C011F6P6
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6P6 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32C011F6P6 Datasheet HTML 52Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 53Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 54Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 55Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 56Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 57Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 58Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 59Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 94 page
background image
Electrical characteristics
STM32C011x4/x6
56/94
DS13866 Rev 3
Figure 15. Typical application with a 32.768 kHz crystal
Note:
An external resistor is not required between OSC32_IN and OSC32_OUT and it is forbidden
to add one.
5.3.8
Internal clock source characteristics
The parameters given in Table 40 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 23: General operating
conditions. The provided curves are characterization results, not tested in production.
High-speed internal (HSI48) RC oscillator
MS30253V2
OSC32_IN
OSC32_OUT
Drive
programmable
amplifier
fLSE
32.768 kHz
resonator
Resonator with integrated
capacitors
CL1
CL2
Table 40. HSI48 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI48
HSI48 Frequency
VDD=3.0 V, TA=30 °C
47.92
-
48.40
MHz
∆Temp(HSI)(1)
HSI48 oscillator frequency
drift over temperature and
VDD full voltage range
TA= 0 to 85 °C
-1
-
1
%
TA= -40 to 125 °C
-2.5
-
2
%
TRIM(1)
HSI48 oscillator frequency
user trimming step
From code 127 to
128
-8
-6
-4
%
From code 63 to 64
From code 191 to
192
-5.8
-3.8
-1.8
For all other code
increments
0.2
0.3
0.4
DHSI48(2)
Duty cycle
-
45
-
55
%
tsu(HSI48)(2)
HSI48 oscillator start-up time
-
-
1.4
1.8
μs
tstab(HSI48)(2)
HSI48 oscillator stabilization
time
at 1% of target
frequency
-1.5
3.6
μs
IDD(HSI48)(1)
HSI48 oscillator power
consumption
--
525
570
μA
1. Based on characterization results, not tested in production
2. Specified by design – Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com