Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32C011F6P6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32C011F6P6
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6P6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32C011F6P6 Datasheet HTML 33Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 34Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 35Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 36Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 37Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 38Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 39Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 40Page - STMicroelectronics STM32C011F6P6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 94 page
background image
DS13866 Rev 3
37/94
STM32C011x4/x6
Electrical characteristics
79
5.1.7
Current consumption measurement
Figure 10. Current consumption measurement scheme
5.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 20, Table 21 and Table 22
may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these conditions is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
All voltages are defined with respect to VSS.
MS55840V1
IDD
VDD
(VDDA)
VDD/VDDA
Table 20. Voltage characteristics
Symbol
Ratings
Min
Max
Unit
VDD - VSS External supply voltage
-0.3
4.0
V
VIN(1)
Input voltage on pin
-0.3
VDD + 4.0(2)
1. VIN maximum must always be respected. Refer to Table 21 for the maximum allowed injected current values.
2. To sustain a voltage higher than 4 V the internal pull-up/pull-down resistors must be disabled.
Table 21. Current characteristics
Symbol
Ratings
Max
Unit
IVDD/VDDA Current into VDD/VDDA power pin (source)
100
mA
IVSS/VSSA
Current out of VSS/VSSA ground pin (sink)
100
IIO(PIN)
Output current sunk by any I/O and control pin
20
Output current sourced by any I/O and control pin
20
∑I(PIN)
Total output current sunk by sum of all I/Os and control pins(1)
80
Total output current sourced by sum of all I/Os and control pins(1)
80
IINJ(PIN)
(1)(2) Injected current on a FT_xx pin
-5 / 0
∑IINJ(PIN)
Total injected current (sum of all I/Os and control pins)(3)
-25
1. Positive injection is not possible on these I/Os and does not occur for input voltages lower than the specified maximum
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com