Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX7730LMMF Datasheet(PDF) 21 Page - Microsemi Corporation

Part # LX7730LMMF
Description  64 Analog Input Telemetry Controller for Space
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7730LMMF Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button LX7730LMMF Datasheet HTML 17Page - Microsemi Corporation LX7730LMMF Datasheet HTML 18Page - Microsemi Corporation LX7730LMMF Datasheet HTML 19Page - Microsemi Corporation LX7730LMMF Datasheet HTML 20Page - Microsemi Corporation LX7730LMMF Datasheet HTML 21Page - Microsemi Corporation LX7730LMMF Datasheet HTML 22Page - Microsemi Corporation LX7730LMMF Datasheet HTML 23Page - Microsemi Corporation LX7730LMMF Datasheet HTML 24Page - Microsemi Corporation LX7730LMMF Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
Bi-level Discrete Monitors (BDM)
June 2020
LX7730 rev 2.4
21
© 2020 Microsemi Corporation
The input protection clamps at each BLI input operate between the input and GND. The small (<1.5µA) leakage current
drawn by a clamp provides a weak pulldown to each input, so an open BLI input will produce a corresponding low BLO
output, presuming no noise coupling or other EMI effects at the input.
Figure 5. BLI-BLO Bi-Level Comparators Block Diagram
14.3 Bank Bi-Level Comparators
The 8 bank bi-level comparator non-inverting inputs share a common trip threshold set in the range 0 to 5V. This is set by
an 8-bit DAC controlled by the 8-Bit Bank Bi-Level Comparators Threshold DAC register (Table 26 on page 42). The bank
bi-level comparator outputs are available in the Bank Bi-Level Comparators Output Status register 13 (Table 29 on page
44). The bank bi-level comparators are sampled during the clock cycle that register 13 is read.
The bank bi-level comparator non-inverting inputs connect to 8 of the 64 analog inputs CH1 to CH64, which are also the
inputs to the analog signal monitor (section 15 on page 24). The multiplexers for CH1 to CH64 are controlled by either the
bank bi-level comparator circuitry or by the analog signal monitor. Either way, the bank bi-level comparators always
receive 8 different inputs from CH1 to CH64.
14.3.1 BANK BI-LEVEL COMPARATORS CONTROL THE BANK INPUT MULTIPLEXERS
The Bank Bi-Level Comparators Input Selection register 12 (Table 28 on page 44) selects which bank of 8 inputs are
routed to the non-inverting inputs of the bank bi-level comparators, when register 12's En Sw bit D3 = 1. The register
selects one of eight groups of consecutive inputs to be routed to the comparators. The groups are CH1 to CH8, CH9 -
CH16, CH17 - CH24, CH25 - CH32, CH33 - CH40, CH41 - CH48, CH49 - CH56, and CH57 - CH64.
Figure 6 on page 22 shows a block diagram of bank bi-level comparators operating with register 12's En Sw bit D3 = 1.
Here, the 8 bank multiplexers are controlled by a common 3-bit selection input.
The analog signal monitor can acquire single ended or differential signals from any combination of the eight inputs pre-
selected by the setting in register 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com