Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX7730LMMF Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX7730LMMF
Description  64 Analog Input Telemetry Controller for Space
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7730LMMF Datasheet(HTML) 3 Page - Microsemi Corporation

  LX7730LMMF Datasheet HTML 1Page - Microsemi Corporation LX7730LMMF Datasheet HTML 2Page - Microsemi Corporation LX7730LMMF Datasheet HTML 3Page - Microsemi Corporation LX7730LMMF Datasheet HTML 4Page - Microsemi Corporation LX7730LMMF Datasheet HTML 5Page - Microsemi Corporation LX7730LMMF Datasheet HTML 6Page - Microsemi Corporation LX7730LMMF Datasheet HTML 7Page - Microsemi Corporation LX7730LMMF Datasheet HTML 8Page - Microsemi Corporation LX7730LMMF Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
QFP-208 Pin Configuration and Pinout with Recommended Layout
June 2020
LX7730 rev 2.4
3
© 2020 Microsemi Corporation
3
QFP-208 Pin Configuration and Pinout with Recommended Layout
1µF
2.2µF
to +5V
0.47µF
4.7µF
1
156
2
155
AGND
VDD
3
154
CH45
4
153
CLK
5
152
CH44
CE or SSA
6
151
CH43
OE or CLKA
7
150
WE or MOSI_A
8
149
CH42
9
148
CH41
A0 or MISO_A
10
147
11
146
CH40
A1 or SSB
12
145
CH39
13
144
A2 or CLKB
14
143
CH38
15
142
CH37
A3 or MOSI_B
16
141
17
140
CH36
A4 or MISO_B
18
139
CH35
19
138
+5V
20
137
CH34
GND
21
136
CH33
22
135
AGND
23
134
CH32
24
133
CH31
D0
25
132
D1
26
131
CH30
D2
27
130
CH29
D3
28
129
D4
29
128
CH28
D5
30
127
CH27
31
126
D6
32
125
CH26
D7
33
124
CH25
34
123
PTY
35
122
CH25
ACK
36
121
CH23
37
120
RST
38
119
CH22
39
118
CH21
BLO1
40
117
BLO2
41
116
CH20
BLO3
42
115
CH19
43
114
BLO4
44
113
CH18
BLO5
45
112
CH17
46
111
BLO6
47
110
CH16
BLO7
48
109
CH15
49
108
BLO8
50
107
AGND
AGND
51
106
52
105
20kΩ ±1%
1µF
2x 1.5kΩ ±1%
7.87kΩ, ±0.1%
158Ω, ±0.1%
1µF
2.2µF
Digital GND
plane
Analog AGND
plane
Join analog AGND to digital GND plane at pin 22 only
LX7730LMMF
Note 1. The layout examples show split planes for SGND and MGND. Separate SGND and MGND planes can be used
Note 2. Capacitors are shown as
. Resistors are shown as
Note 3. The QFP has many unused pins, shown as un-named pins. These pins are not bonded internally. The layout
example connects these pins to one or the other of the ground planes to assist with connectivity
Note 4. The pin marked TEST (CQFP pin 40, QFP pin 64) is a factory test pin which must be left open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com