Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G0C1NEY7 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32G0C1NEY7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NEY7 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32G0C1NEY7 Datasheet HTML 25Page - STMicroelectronics STM32G0C1NEY7 Datasheet HTML 26Page - STMicroelectronics STM32G0C1NEY7 Datasheet HTML 27Page - STMicroelectronics STM32G0C1NEY7 Datasheet HTML 28Page - STMicroelectronics STM32G0C1NEY7 Datasheet HTML 29Page - STMicroelectronics STM32G0C1NEY7 Datasheet HTML 30Page - STMicroelectronics STM32G0C1NEY7 Datasheet HTML 31Page - STMicroelectronics STM32G0C1NEY7 Datasheet HTML 32Page - STMicroelectronics STM32G0C1NEY7 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 159 page
background image
DS13564 Rev 4
29/159
STM32G0C1xC/xE
Functional overview
36
3.20.1
Advanced-control timer (TIM1)
The advanced-control timer can be seen as a three-phase PWM unit multiplexed on 6
channels. It has complementary PWM outputs with programmable inserted dead-times. It
can also be seen as a complete general-purpose timer. The four independent channels can
be used for:
•
input capture
•
output compare
•
PWM output (edge or center-aligned modes) with full modulation capability (0-100%)
•
one-pulse mode output
In debug mode, the advanced-control timer counter can be frozen and the PWM outputs
disabled, so as to turn off any power switches driven by these outputs.
Many features are shared with those of the general-purpose TIMx timers (described in
Section 3.20.2) using the same architecture, so the advanced-control timers can work
together with the TIMx timers via the Timer Link feature for synchronization or event
chaining.
General-
purpose
TIM2
32-bit
Up, down,
up/down
64 MHz
Integer from
1 to 216
Yes
4
-
TIM3
16-bit
Up, down,
up/down
64 MHz
Integer from
1 to 216
Yes
4
-
TIM4
16-bit
Up, down,
up/down
64 MHz
Integer from
1 to 216
Yes
4
-
TIM14
16-bit
Up
64 MHz
Integer from
1 to 216
No
1
-
TIM15
16-bit
Up
128 MHz
Integer from
1 to 216
Yes
2
1
TIM16
TIM17
16-bit
Up
64 MHz
Integer from
1 to 216
Yes
1
1
Basic
TIM6
TIM7
16-bit
Up
64 MHz
Integer from
1 to 216
Yes
-
-
Low-power
LPTIM1
LPTIM2
16-bit
Up
64 MHz
2n where
n=0 to 7
No
N/A
-
Table 7. Timer feature comparison (continued)
Timer type
Timer
Counter
resolution
Counter
type
Maximum
operating
frequency
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Comple-
mentary
outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com