Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G0C1NEY7 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32G0C1NEY7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NEY7 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32G0C1NEY7 Datasheet HTML 29Page - STMicroelectronics STM32G0C1NEY7 Datasheet HTML 30Page - STMicroelectronics STM32G0C1NEY7 Datasheet HTML 31Page - STMicroelectronics STM32G0C1NEY7 Datasheet HTML 32Page - STMicroelectronics STM32G0C1NEY7 Datasheet HTML 33Page - STMicroelectronics STM32G0C1NEY7 Datasheet HTML 34Page - STMicroelectronics STM32G0C1NEY7 Datasheet HTML 35Page - STMicroelectronics STM32G0C1NEY7 Datasheet HTML 36Page - STMicroelectronics STM32G0C1NEY7 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 159 page
background image
DS13564 Rev 4
33/159
STM32G0C1xC/xE
Functional overview
36
Features of the I2C peripheral:
•
I2C-bus specification and user manual rev. 5 compatibility:
–
Slave and master modes, multimaster capability
–
Standard-mode (Sm), with a bitrate up to 100 kbit/s
–
Fast-mode (Fm), with a bitrate up to 400 kbit/s
–
Fast-mode Plus (Fm+), with a bitrate up to 1 Mbit/s and extra output drive I/Os
–
7-bit and 10-bit addressing mode, multiple 7-bit slave addresses
–
Programmable setup and hold times
–
Clock stretching
•
SMBus specification rev 3.0 compatibility:
–
Hardware PEC (packet error checking) generation and verification with ACK
control
–
Command and data acknowledge control
–
Address resolution protocol (ARP) support
–
Host and Device support
–
SMBus alert
–
Timeouts and idle condition detection
•
PMBus rev 1.3 standard compatibility
•
Independent clock: a choice of independent clock sources allowing the I2C
communication speed to be independent of the PCLK reprogramming
•
Wakeup from Stop mode on address match
•
Programmable analog and digital noise filters
•
1-byte buffer with DMA capability
3.23
Universal synchronous/asynchronous receiver transmitter
(USART)
The device embeds universal synchronous/asynchronous receivers/transmitters that
communicate at speeds of up to 8 Mbit/s.
Table 8. I2C implementation
I2C features(1)
1. X: supported
I2C1
I2C2
I2C3
Standard mode (up to 100 kbit/s)
X
X
Fast mode (up to 400 kbit/s)
X
X
Fast Mode Plus (up to 1 Mbit/s) with extra output drive I/Os
X
X
Programmable analog and digital noise filters
X
X
SMBus/PMBus hardware support
X
-
Independent clock
X
-
Wakeup from Stop mode on address match
X
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com