Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G0C1NEY3 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32G0C1NEY3
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NEY3 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32G0C1NEY3 Datasheet HTML 75Page - STMicroelectronics STM32G0C1NEY3 Datasheet HTML 76Page - STMicroelectronics STM32G0C1NEY3 Datasheet HTML 77Page - STMicroelectronics STM32G0C1NEY3 Datasheet HTML 78Page - STMicroelectronics STM32G0C1NEY3 Datasheet HTML 79Page - STMicroelectronics STM32G0C1NEY3 Datasheet HTML 80Page - STMicroelectronics STM32G0C1NEY3 Datasheet HTML 81Page - STMicroelectronics STM32G0C1NEY3 Datasheet HTML 82Page - STMicroelectronics STM32G0C1NEY3 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 159 page
background image
DS13564 Rev 4
79/159
STM32G0C1xC/xE
Electrical characteristics
124
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in the following table. The MCU
is placed under the following conditions:
•
All I/O pins are in Analog mode
•
The given value is calculated by measuring the difference of the current consumptions:
–
when the peripheral is clocked on
–
when the peripheral is clocked off
•
Ambient operating temperature and supply voltage conditions summarized in Table 21:
Voltage characteristics
•
The power consumption of the digital part of the on-chip peripherals is given in the
following table. The power consumption of the analog part of the peripherals (where
applicable) is indicated in each related section of the datasheet.
Table 36. Current consumption of peripherals
Peripheral
Bus
Consumption in µA/MHz
Range 1
Range 2
Low-power run
and sleep
IOPORT Bus
IOPORT
0.5
0.4
0.3
GPIOA
IOPORT
3.1
2.4
3.0
GPIOB
IOPORT
2.9
2.3
3.0
GPIOC
IOPORT
3.0
2.4
2.8
GPIOD
IOPORT
2.7
2.2
2.5
GPIOE
IOPORT
1.6
1.4
1.6
GPIOF
IOPORT
2.8
2.3
2.6
Bus matrix
AHB
0.5
0.5
0.5
All AHB Peripherals
AHB
31
26
30
DMA1/DMAMUX
AHB
5.1
4.3
4.9
CRC
AHB
0.4
0.4
0.5
FLASH
AHB
22
18
21
RNG
AHB
1.5
1.3
1.5
AES
AHB
2.7
2.3
2.5
All APB peripherals
APB
120
110
220
AHB to APB bridge(1)
APB
0.2
0.2
0.1
PWR
APB
0.4
0.3
0.4
WWDG
APB
0.4
0.4
0.4
DMA2
APB
1.5
1.3
1.5
TIM1
APB
7.6
6.3
7.2
TIM2
APB
5.2
4.3
4.9
TIM3
APB
4.7
3.9
4.3
TIM4
APB
4.4
3.7
4.2
TIM6
APB
1.2
1.0
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com