Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM30T200CAY Datasheet(PDF) 7 Page - STMicroelectronics

Part # SM30T200CAY
Description  Automotive 3000 W TVS in SMC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T200CAY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SM30T200CAY Datasheet HTML 3Page - STMicroelectronics SM30T200CAY Datasheet HTML 4Page - STMicroelectronics SM30T200CAY Datasheet HTML 5Page - STMicroelectronics SM30T200CAY Datasheet HTML 6Page - STMicroelectronics SM30T200CAY Datasheet HTML 7Page - STMicroelectronics SM30T200CAY Datasheet HTML 8Page - STMicroelectronics SM30T200CAY Datasheet HTML 9Page - STMicroelectronics SM30T200CAY Datasheet HTML 10Page - STMicroelectronics SM30T200CAY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Figure 21. Load dump capability
(Us* = f(Ri) test B, Us = 87 V, tp = 150 ms)
Figure 22. Load dump capability
(Us* = f(Ri) test B, Us = 87 V, tp = 400 ms)
Note:
Load dump capability curves are performed with SCHAFFNER GENERATOR Model LD 5505.
SM30TxxAY, SM30TxxCAY
Characteristics (curves)
DS8599 - Rev 12
page 7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com