Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM30T200CAY Datasheet(PDF) 4 Page - STMicroelectronics

Part # SM30T200CAY
Description  Automotive 3000 W TVS in SMC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T200CAY Datasheet(HTML) 4 Page - STMicroelectronics

  SM30T200CAY Datasheet HTML 1Page - STMicroelectronics SM30T200CAY Datasheet HTML 2Page - STMicroelectronics SM30T200CAY Datasheet HTML 3Page - STMicroelectronics SM30T200CAY Datasheet HTML 4Page - STMicroelectronics SM30T200CAY Datasheet HTML 5Page - STMicroelectronics SM30T200CAY Datasheet HTML 6Page - STMicroelectronics SM30T200CAY Datasheet HTML 7Page - STMicroelectronics SM30T200CAY Datasheet HTML 8Page - STMicroelectronics SM30T200CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1.1
Characteristics (curves)
Figure 3. Maximum peak power dissipation versus initial
junction temperature
0
500
1000
1500
2000
2500
3000
3500
0
25
50
75
100
125
150
175
200
PPP (W)
Tj (°C)
10/1000 µs
VBR ≥ 36 V
VBR < 36 V
Figure 4. Maximum peak pulse power versus exponential
pulse duration
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
PPP (kW)
t p (ms)
Tj initial = 25 °C
VRM ≤ 16 V
VRM > 16 V
Figure 5. Maximum peak pulse current versus clamping
voltage
0.1
1
10
100
1000
10000
1
10
100
1000
IPP(A)
VCL(V)
8/20 µs
10/1000 µs
Figure 6. Dynamic resistance versus pulse duration
0.001
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
RD (Ω)
t p(ms)
Figure 7. Junction capacitance versus reverse applied
voltage (unidirectional type)
0.01
0.1
1
10
100
1
10
100
1000
C (nF)
V
R (V)
SM30T6V8AY
SM30T39AY
SM30T18AY
SM30T56AY
SM30T82AY
f = 1 MHz
Vosc = 30 mVRMS
Tj = 25 °C
SM30T220AY
Figure 8. Junction capacitance versus applied voltage
(bidirectional type)
0.01
0.1
1
10
100
1
10
100
1000
C (nF)
SM30T6V8CAY
SM30T39CAY
SM30T18CAY
SM30T56CAY
SM30T82CAY
SM30T220CAY
f = 1 MHz
Vosc = 30 mVRMS
Tj = 25 °C
V
R(V)
SM30TxxAY, SM30TxxCAY
Characteristics (curves)
DS8599 - Rev 12
page 4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com