Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9LPRS436CKLF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 9LPRS436CKLF
Description  Low Power Clock for Intel Atom®-Based Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9LPRS436CKLF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 9LPRS436CKLF Datasheet HTML 9Page - Renesas Technology Corp 9LPRS436CKLF Datasheet HTML 10Page - Renesas Technology Corp 9LPRS436CKLF Datasheet HTML 11Page - Renesas Technology Corp 9LPRS436CKLF Datasheet HTML 12Page - Renesas Technology Corp 9LPRS436CKLF Datasheet HTML 13Page - Renesas Technology Corp 9LPRS436CKLF Datasheet HTML 14Page - Renesas Technology Corp 9LPRS436CKLF Datasheet HTML 15Page - Renesas Technology Corp 9LPRS436CKLF Datasheet HTML 16Page - Renesas Technology Corp 9LPRS436CKLF Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
IDT®
Low Power Clock for Intel Atom®-Based Systems
1561C — 08/24/11
9LPRS436C
Low Power Clock for Intel Atom
®-Based Systems
13
SMBus Table: Frequency Select Register
Byte 0
Name
Control Function
Type
0
1
PWD
Bit 7
Reserved
0
Bit 6
Reserved
0
Bit 5
Spread Enable
Enables Spread for
CPU/SRC/PCI outputs
RW
Off
0.5% down spread
0
Bit 4
FS4
Freq Select Bit 4
RW
Latch
Bit 3
FS3
Freq Select Bit 3
RW
Latch
Bit 2
FSLC
Freq Select Bit 2
RW
Latch
Bit 1
FSLB
Freq Select Bit 1
RW
Latch
Bit 0
FSLA
Freq Select Bit 0
RW
Latch
SMBus Table: Output Control Register
Byte 1
Name
Control Function
Type
0
1
PWD
Bit 7
DOT96Mhz
Output Enable
RW
Disable
Enable
1
Bit 6
SATA/PCIe3
Output Enable
RW
Disable
Enable
1
Bit 5
ITP/PCIe2
Output Enable
RW
Disable
Enable
1
Bit 4
PCIe1
Output Enable
RW
Disable
Enable
1
Bit 3
PCIe0
Output Enable
RW
Disable
Enable
1
Bit 2
12.288MHz
Output Enable (Disabling This
output also disables the
12.288M PLL).
RW
Disable
Enable
1
Bit 1
25MHz
25MHz free running during VDD
Suspend (S-states). If this bit is
set to 0, the XTAL OSC will also
be powered down in the
Suspend States)
RW
Does Not Run
Runs
1
Bit 0
CPU PLL MN_EN
CPU PLL M/N Enable
RW
Disable
Enable
0
SMBus Table: Output Control Register
Byte 2
Name
Control Function
Type
0
1
PWD
Bit 7
USB_48MHz
Output Enable
RW
Disable
Enable
1
Bit 6
0
Bit 5
REF0
Output Enable
RW
Disable
Enable
1
Bit 4
25MHz
Output Enable
RW
Disable
Enable
1
Bit 3
12_48MHz
Output Enable
RW
Disable
Enable
1
Bit 2
PCICLK_F0
Output Enable
RW
Disable
Enable
1
Bit 1
PCICLK0
Output Enable
RW
Disable
Enable
1
Bit 0
0
SMBus Table: Output Control Register
Byte 3
Name
Control Function
Type
0
1
PWD
Bit 7
CPUCLK1
Output Enable
RW
Disable
Enable
1
Bit 6
CPUCLK0
Output Enable
RW
Disable
Enable
1
Bit 5
PEREQ3# Control
PCIEX1 is controlled
RW
Not Controlled
Controlled
0
Bit 4
PEREQ3# Control
PCIEX2 is controlled
RW
Not Controlled
Controlled
0
Bit 3
PEREQ2# Control
PCIEX1 is controlled
RW
Not Controlled
Controlled
0
Bit 2
PEREQ2# Control
SATACLK is controlled
RW
Not Controlled
Controlled
0
Bit 1
PEREQ1# Control
PCIEX0 is controlled
RW
Not Controlled
Controlled
0
Bit 0
PEREQ1# Control
SATACLK is controlled
RW
Not Controlled
Controlled
0
NOTE: Only 1 PEREQ at a time can be selected to control an output.
Reserved
Reserved
See Table 1: CPU/SRC/PCI PLL
Frequency Selection Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com