Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9LPRS436CKLF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 9LPRS436CKLF
Description  Low Power Clock for Intel Atom®-Based Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9LPRS436CKLF Datasheet(HTML) 2 Page - Renesas Technology Corp

  9LPRS436CKLF Datasheet HTML 1Page - Renesas Technology Corp 9LPRS436CKLF Datasheet HTML 2Page - Renesas Technology Corp 9LPRS436CKLF Datasheet HTML 3Page - Renesas Technology Corp 9LPRS436CKLF Datasheet HTML 4Page - Renesas Technology Corp 9LPRS436CKLF Datasheet HTML 5Page - Renesas Technology Corp 9LPRS436CKLF Datasheet HTML 6Page - Renesas Technology Corp 9LPRS436CKLF Datasheet HTML 7Page - Renesas Technology Corp 9LPRS436CKLF Datasheet HTML 8Page - Renesas Technology Corp 9LPRS436CKLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IDT®
Low Power Clock for Intel Atom®-Based Systems
1561C — 08/24/11
9LPRS436C
Low Power Clock for Intel Atom
®-Based Systems
2
48 47 46 45 44 43 42 41 40 39 38 37
**FS3/12_288M_2x 136 SDATA
VDD12_288 235 SCLK
PEREQ1# 334 GND
PEREQ2# 433 CPUT_LR0
**FS4/PCICLK0_2x 532 CPUC_LR0
GND 631 VDDCPU
VDDPCI 730 CPUT_LR1
**ITP_EN/PCICLK_F0_2x 829 CPUC_LR1
PEREQ3# 928 CPUITPT_LR2/PCIeT_LR2
*SEL12_48#/12_48MHz_2x 10
27 CPUITPC_LR2/PCIeC_LR2
VDD 11
26 VDDPCIEX
FSLA/USB48_2x 12
25 GND
13 14 15 16 17 18 19 20 21 22 23 24
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
9LPRS436
48 MLF
6x6mm
0.4mm pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com