Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9LPRS436CGLF Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 9LPRS436CGLF
Description  Low Power Clock for Intel Atom®-Based Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9LPRS436CGLF Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 9LPRS436CGLF Datasheet HTML 3Page - Renesas Technology Corp 9LPRS436CGLF Datasheet HTML 4Page - Renesas Technology Corp 9LPRS436CGLF Datasheet HTML 5Page - Renesas Technology Corp 9LPRS436CGLF Datasheet HTML 6Page - Renesas Technology Corp 9LPRS436CGLF Datasheet HTML 7Page - Renesas Technology Corp 9LPRS436CGLF Datasheet HTML 8Page - Renesas Technology Corp 9LPRS436CGLF Datasheet HTML 9Page - Renesas Technology Corp 9LPRS436CGLF Datasheet HTML 10Page - Renesas Technology Corp 9LPRS436CGLF Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
IDT®
Low Power Clock for Intel Atom®-Based Systems
1561C — 08/24/11
9LPRS436C
Low Power Clock for Intel Atom
®-Based Systems
7
CPU Power Management Table
1
Enable
1
X
Running
Running
1
Enable
0
XHigh
Low
0
Enable
X
X
Low
Low
X
Disable
XX
Low
Low
CPU(1:0)/ITP CPU#(1:0)/ITP
CPU_STOP#
PCI&PCIEX_
STOP#
WOL_STOP#
SMBus
Register OE
Differential Power Management Table
PCIEX/SATA PCIEX/SATA# PCIEX/SATA PCIEX/SATA#
1
Enable
X
1
Running
Running
Running
Running
Running
Running
1
Enable
X
0
High
Low
Running
Running
Running
Running
0
Enable
X
X
Low
Low
Low /20K
Low
Low /20K
Low
X
Disable
X
X
Low
Low
Low /20K
Low
Low /20K
Low
DOT#
DOT
Free-Run
CPU_STOP#
PCI&PCIEX_
STOP#
PCI Stoppable
WOL_STOP#
SMBus
Register OE
Singled-ended Power Management Table
PCIF/PCI
PCIF/PCI
25MHz
25MHz
Free-run
Stoppable
Free-run
Stoppable
1
Enable
X
1
Running
Running
Running
Running
Running
Running
1
Enable
X
0
Running
Low
Running
Running
Running
Running
0
Enable
X
X
Low
Low
Low
Low
Running
Low
X
Disable
X
X
Low
Low
Low
Low
Low
Low
12/48MHz
12.288MHz
REF
WOL_STOP#
CPU_STOP#
PCI&PCIEX_
STOP#
SMBus
Register OE
PEREQ# Control Table:
10, SATA/PCIe3
2
SATA/PCIe3, 1
31, 2
PEREQ#
PCIe
controlled
Table 2: Slew Rate Selection Table
Bit 1
Bit 0
Slew
Rate
00
Hi-Z
01
0.6X
(1.2V/ns)
10
0.8X
(1.6V/ns)
11
1X
(2.0V/ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com