Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9LPRS436CGLF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9LPRS436CGLF
Description  Low Power Clock for Intel Atom®-Based Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9LPRS436CGLF Datasheet(HTML) 1 Page - Renesas Technology Corp

  9LPRS436CGLF Datasheet HTML 1Page - Renesas Technology Corp 9LPRS436CGLF Datasheet HTML 2Page - Renesas Technology Corp 9LPRS436CGLF Datasheet HTML 3Page - Renesas Technology Corp 9LPRS436CGLF Datasheet HTML 4Page - Renesas Technology Corp 9LPRS436CGLF Datasheet HTML 5Page - Renesas Technology Corp 9LPRS436CGLF Datasheet HTML 6Page - Renesas Technology Corp 9LPRS436CGLF Datasheet HTML 7Page - Renesas Technology Corp 9LPRS436CGLF Datasheet HTML 8Page - Renesas Technology Corp 9LPRS436CGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
9LPRS436C
IDT®
Low Power Clock for Intel Atom®-Based Systems
1561C —08/24/11
Low Power Clock for Intel Atom
®-Based Systems
DATASHEET
1
Recommended Application:
NM10 Express Chipset + N450/D410/D510 Atom
® CPUs
Output Features:
•
2 - 0.8V push-pull differential CPU pairs
•
2 - 0.8V push-pull differential PCIEX pairs
•
1 - 0.8V push-pull differential SATA75 pair
•
1 - 0.8V push-pull differential DOT96 pair
•
1 - 0.8V push-pull differential CPU/PCIEX selectable pair
•
1 - PCI (33MHz)
•
1 - PCICLK_F, (33MHz) free-running
•
1 - USB, 48MHz
•
1 - 12/48MHz
•
1 - 25MHz
•
1 - REF, 14.318MHz
•
1 - 12.288MHz
Key Specifications:
•
CPU outputs cycle-cycle jitter < 85ps
•
PCIEX outputs cycle-cycle jitter < 125ps
•
SATA outputs cycle-cycle jitter < 125ps
•
PCI outputs cycle-cycle jitter < 500ps
•
+/- 100ppm frequency accuracy on all clocks
Features/Benefits:
•
VDDSUSP allows 25MHz to run in S-states
•
Supports programmable spread percentage
•
Uses external 25MHz crystal, external crystal load caps
are required for frequency tuning
•
PEREQ# pins to support PCIEX/SATA power
management.
•
Low power differential clock outputs (No 50
Ω resistor to
GND needed)
•
Integrated 33
Ω series resistor on all differential outputs.
Pin Configuration
**FS3/12_288M_2x 148 GND
VDD12_288 247 GND
PEREQ1# 346 REF0_2x/FSLC
PEREQ2# 445 VDD14
**FS4/PCICLK0_2x 544 Vtt_PwrGd/WOL_STOP#
GND 643 VDDSUSP
VDDPCI 742 25MHz
**ITP_EN/PCICLK_F0_2x 841 GND
PEREQ3# 940 X1_25
*SEL12_48#/12_48MHz_2x 10
39
X2_25
VDD 11
38
PCI&PCIEX_STOP#
FSLA/USB48_2x 12
37
CPU_STOP#
GND 13
36
SDATA
DOTT_96MHzLR 14
35
SCLK
DOTC_96MHzLR 15
34
GND
FSLB 16
33
CPUT_LR0
GNDSATA 17
32
CPUC_LR0
SATAT_LR/PCIeT_LR3 18
31
VDDCPU
SATAC_LR/PCIeC_LR3 19
30
CPUT_LR1
VDDSATA 20
29
CPUC_LR1
PCIeT_LR0 21
28
CPUITPT_LR2/PCIeT_LR2
PCIeC_LR0 22
27
CPUITPC_LR2/PCIeC_LR2
PCIeT_LR1 23
26
VDDPCIEX
PCIeC_LR1 24
25
GND
48-TSSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor


Similar Part No. - 9LPRS436CGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9LPRS436CGLF IDT-9LPRS436CGLF Datasheet
200Kb / 20P
Low Power Clock for Intel Atom짰-Based Systems
9LPRS436CGLFT IDT-9LPRS436CGLFT Datasheet
200Kb / 20P
Low Power Clock for Intel Atom짰-Based Systems
More results

Similar Description - 9LPRS436CGLF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
Low EMI Clock Generator for Intel 810E Chipset Systems
logo
Integrated Device Techn...
IDTCV193 IDT-IDTCV193 Datasheet
181Kb / 21P
PROGRAMMABLE FLEXPC LP/S CLOCK FOR INTEL BASED SYSTEMS
9LPRS436C IDT-9LPRS436C Datasheet
200Kb / 20P
Low Power Clock for Intel Atom짰-Based Systems
ICS9LRS3187B IDT-ICS9LRS3187B Datasheet
199Kb / 20P
PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
ICS9LPRS436CKILF IDT-ICS9LPRS436CKILF Datasheet
193Kb / 20P
Low Power Clock for Intel Atom짰-Based Systems
logo
Advantech Co., Ltd.
MICA-071 ADVANTECH-MICA-071 Datasheet
4Mb / 64P
7 Intel Atom-based Pocket pad
May 2014
logo
Renesas Technology Corp
9EPRS488 RENESAS-9EPRS488 Datasheet
475Kb / 23P
System Clock for Embedded AMDTM based Systems
08/20/09
logo
Advantech Co., Ltd.
FWA-2012 ADVANTECH-FWA-2012 Datasheet
507Kb / 2P
Rackmount Platform for Network Application with Intel® Atom® C3000 Processor
11-May-2020
logo
Renesas Technology Corp
ICS9LRS3187B RENESAS-ICS9LRS3187B Datasheet
345Kb / 21P
PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
2019
IDTCV193 RENESAS-IDTCV193 Datasheet
345Kb / 22P
PROGRAMMABLE FLEXPC LP/S CLOCK FOR INTEL BASED SYSTEMS
APRIL 8, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com