Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2100CT/F1 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF2100CT/F1
Description  LCD drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2100CT/F1 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF2100CT/F1 Datasheet HTML 7Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 8Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 9Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 10Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 11Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 12Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 13Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 14Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
PCF21XXC_FAM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 6 May 2015
11 of 25
NXP Semiconductors
PCF21xxC family
LCD drivers
11. Dynamic characteristics
Table 7.
Dynamic characteristics
VDD = 2.25 V to 6.0 V; VSS =0V; Tamb = 40 C to +80 C; RO =1M; CO = 680 pF; all timing values are referenced to VIH
and VIL levels with an input voltage swing of VSS to VDD; unless otherwise specified.
Symbols
Parameter
Conditions
Min
Typ
Max
Unit
Inputs CLB, DATA and DLEN; see Figure 12
tSUDA
data setup time
3
-
-
s
tHDDA
data hold time
3
-
-
s
tSUEN
enable setup time
1
-
-
s
tSUDI
disable setup time
2
-
-
s
tSULD
load pulse setup time
2.5
-
-
s
tBUSY
busy time
3
-
-
s
tWH
CLB HIGH time
1
-
-
s
tWL
CLB LOW time
5
-
-
s
tCLB
CLB cycle time
10
-
-
s
tr
rise time
-
-
10
s
tf
fall time
-
-
10
s
LCD timing; see Figure 12 to Figure 17
fLCD
PCF2100C, PCF2111C
60
75
100
Hz
PCF2112C; CO = 1.5 nF
30
35
50
Hz
tBS
transfer time
with test loads; VDD = 5 V
-
20
100
s
tPLCD
driver delay time
with test loads; VDD = 5 V
-
20
100
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com