Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25DF512C Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF512C Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button AT25DF512C Datasheet HTML 25Page - Renesas Technology Corp AT25DF512C Datasheet HTML 26Page - Renesas Technology Corp AT25DF512C Datasheet HTML 27Page - Renesas Technology Corp AT25DF512C Datasheet HTML 28Page - Renesas Technology Corp AT25DF512C Datasheet HTML 29Page - Renesas Technology Corp AT25DF512C Datasheet HTML 30Page - Renesas Technology Corp AT25DF512C Datasheet HTML 31Page - Renesas Technology Corp AT25DF512C Datasheet HTML 32Page - Renesas Technology Corp AT25DF512C Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
29
AT25DF512C
DS-25DF512C–030G–02/2022
13.
Electrical Specifications
13.3 DC Characteristics
Typical values measured at 3.0V @ 25°C for the 2.3V to 3.6V range.
13.1 Absolute Maximum Ratings*
Temperature under Bias. . . . . . . . -55
°C to +125°C
*Notice: Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other
conditions beyond those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect device reliability.
Storage Temperature . . . . . . . . . . -65
°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground . . . . . . . . . .-0.6V to +4.1V
All Output Voltages
with Respect to Ground . . . . . .-0.6V to VCC + 0.5V
13.2 DC and AC Operating Range
AT25DF512C
Operating Temperature (Case) (1)
Ind.
-40
°C to 85°C
VCC Power Supply
1.65V to 3.6V
1. Temperature Range:-10°C to +85°C (1.65V to 3.6V), -40°C to +85° (1.7V to 3.6V)
Symbol
Parameter
Condition
1.65V to 3.6V
2.3V to 3.6V
Units
Min
Typ
Max
Min
Typ
Max
IUDPD
Ultra-Deep Power-
Down Current
CS = VCC. All other
inputs at 0V or VCC
0.2
1
0.3
1
µA
IDPD
(1)
Deep Power-Down
Current
CS = VCC. All other
inputs at 0V or VCC
5
15
8.5
15
µA
ISB
Standby Current
CS = VCC. All other
inputs at 0V or VCC
25
40
25
40
µA
ICC1 (2) (3)
Active Current, Low
Power Read (03h,
0Bh) Operation
f = 1MHz; IOUT = 0mA
4.5
9
5.5
9
mA
f = 20MHz; IOUT = 0mA
4.5
9
5.5
9
mA
ICC2
(2)(3)
Active Current,
Read Operation
f = 50MHz; IOUT = 0mA
5
10
6
10
mA
f = 85MHz; IOUT = 0mA
5
10
6
10
mA
ICC3(2)(3)
Active Current,
Program Operation
CS = VCC
12
16
12
16
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com