Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25DF512C Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF512C Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button AT25DF512C Datasheet HTML 19Page - Renesas Technology Corp AT25DF512C Datasheet HTML 20Page - Renesas Technology Corp AT25DF512C Datasheet HTML 21Page - Renesas Technology Corp AT25DF512C Datasheet HTML 22Page - Renesas Technology Corp AT25DF512C Datasheet HTML 23Page - Renesas Technology Corp AT25DF512C Datasheet HTML 24Page - Renesas Technology Corp AT25DF512C Datasheet HTML 25Page - Renesas Technology Corp AT25DF512C Datasheet HTML 26Page - Renesas Technology Corp AT25DF512C Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
23
AT25DF512C
DS-25DF512C–030G–02/2022
Figure 12-1. Read Manufacturer and Device ID
12.2 Read ID (Legacy Command)
Identification information can be read from the device to enable systems to electronically query and identify the device
while it is in system. The preferred method for doing so is the JEDEC standard “Read Manufacturer and Device ID”
method described in Section 12.1 on page 22; however, the legacy Read ID command is supported on the AT25DF512C
to enable backwards compatibility to previous generation devices.
To read the identification information, the CS pin must first be asserted and the opcode of 15h must be clocked into the
device. After the opcode has been clocked in, the device will begin outputting the identification data on the SO pin during
the subsequent clock cycles. The first byte that will be output will be the Manufacturer ID of 1Fh followed by a single byte
of data representing a device code of 65h. After the device code is output, the SO pin will go into a high-impendance
state; therefore, additional clock cycles will have no affect on the SO pin and no data will be output.
Deasserting the CS pin will terminate the Read ID operation and put the SO pin into a high-impedance state. The CS pin
can be deasserted at any time and does not require that a full byte of data read.
Table 12-2. Manufacturer and Device ID Details
Data Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Hex
Valu
e
Details
Manufacturer ID
JEDEC Assigned Code
1Fh
JEDEC Code: 0001 1111 (1Fh for Adesto)
0
0
0
1
1
1
1
1
Device ID (Part
1)
Family Code
Density Code
65h
Family Code: 011 (AT25F/AT25FSxxx series)
Density Code: 00101 (512-Kbit)
0
1
1
0
0
1
0
1
Device ID (Part
2)
Sub Code
Product Version Code
01h
Sub Code:
000 (Standard series)
Product Version:00001
0
0
0
0
0
0
0
1
SCK
CS
SI
SO
6
0
9Fh
8
7
38
OPCODE
1Fh
65h
01h
00h
MANUFACTURER ID
DEVICE ID
BYTE1
DEVICE ID
BYTE2
EXTENDED
DEVICE
INFORMATION
STRING LENGTH
HIGH-IMPEDANCE
14
16
15
22
24
23
30
32
31
Note: Each transition
shown for SI and SO represents one byte (8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com