Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25DF641A Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF641A Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button AT25DF641A Datasheet HTML 18Page - Renesas Technology Corp AT25DF641A Datasheet HTML 19Page - Renesas Technology Corp AT25DF641A Datasheet HTML 20Page - Renesas Technology Corp AT25DF641A Datasheet HTML 21Page - Renesas Technology Corp AT25DF641A Datasheet HTML 22Page - Renesas Technology Corp AT25DF641A Datasheet HTML 23Page - Renesas Technology Corp AT25DF641A Datasheet HTML 24Page - Renesas Technology Corp AT25DF641A Datasheet HTML 25Page - Renesas Technology Corp AT25DF641A Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
22
AT25DF641A [DATASHEET]
8793G–DFLASH–02/2022
9.2
Write Disable
The Write Disable command is used to reset the Write Enable Latch (WEL) bit in the Status Register to the Logical 0
state. With the WEL bit reset, all Byte/Page Program, erase, Protect Sector, Unprotect Sector, Sector Lockdown, Freeze
Sector Lockdown State, Program OTP Security Register, and Write Status Register commands will not be executed.
Other conditions can also cause the WEL bit to be reset; for more details, see Section 11.1.5, “WEL Bit” on page 37 in
“Status Register Commands” .
To issue the Write Disable command, the CS pin must first be asserted and then the opcode 04h must be clocked into
the device. No address bytes need to be clocked into the device, and any data clocked in after the opcode will be
ignored. When the CS pin is deasserted, the WEL bit in the Status Register will be reset to a Logical 0. The complete
opcode must be clocked into the device before the CS pin is deasserted, and the CS pin must be deasserted on an even
byte boundary (multiples of eight bits); otherwise, the device will abort the operation and the state of the WEL bit will not
change.
Figure 9-2. Write Disable
SCK
CS
SI
SO
MSB
23
1
0
00000100
67
5
4
Opcode
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com