Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25DF641A Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF641A Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button AT25DF641A Datasheet HTML 20Page - Renesas Technology Corp AT25DF641A Datasheet HTML 21Page - Renesas Technology Corp AT25DF641A Datasheet HTML 22Page - Renesas Technology Corp AT25DF641A Datasheet HTML 23Page - Renesas Technology Corp AT25DF641A Datasheet HTML 24Page - Renesas Technology Corp AT25DF641A Datasheet HTML 25Page - Renesas Technology Corp AT25DF641A Datasheet HTML 26Page - Renesas Technology Corp AT25DF641A Datasheet HTML 27Page - Renesas Technology Corp AT25DF641A Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
24
AT25DF641A [DATASHEET]
8793G–DFLASH–02/2022
9.4
Unprotect Sector
Issuing the Unprotect Sector command to a particular sector address will reset the corresponding Sector Protection
Register to the Logical 0 state (see Table 9-4 for Sector Protection Register values). Every physical sector of the device
has a corresponding single-bit Sector Protection Register that is used to control the software protection of a sector.
Before the Unprotect Sector command can be issued, the Write Enable command must have been previously issued to
set the WEL bit in the Status Register to a Logical 1. To issue the Unprotect Sector command, the CS pin must first be
asserted and then the opcode of 39h must be clocked into the device. After the opcode has been clocked in, the three
address bytes designating any address within the sector to be unprotected must be clocked in. Any additional data
clocked into the device after the address bytes will be ignored. When the CS pin is deasserted, the Sector Protection
Register corresponding to the sector addressed by A23-A0 will be reset to the Logical 0 state, and the sector itself will be
unprotected. In addition, the WEL bit in the Status Register will be reset back to the Logical 0 state.
The three complete address bytes must be clocked into the device before the CS pin is deasserted, and the CS pin must
be deasserted on an even byte boundary (multiples of eight bits); otherwise, the device will abort the operation, the state
of the Sector Protection Register will be unchanged, and the WEL bit in the Status Register will be reset to a Logical 0.
As a safeguard against accidental or erroneous locking or unlocking of sectors, the Sector Protection Registers can
themselves be locked from updates by using the SPRL (Sector Protection Registers Locked) bit of the Status Register
(see Section 11., “Status Register Commands” on page 35 for more details). If the Sector Protection Registers are
locked, then any attempts to issue the Unprotect Sector command will be ignored, and the device will reset the WEL bit
in the Status Register back to a Logical 0 and return to the idle state once the CS pin has been deasserted.
Figure 9-4. Unprotect Sector
SCK
CS
SI
SO
MSB
MSB
23
1
0
00111001
67
5
410 11
9
812
31
29 30
27 28
26
Opcode
AAAA
AAA
AA
A
A
A
Address Bits A23-A0
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com