Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2L01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS2L01
Description  INERTIAL SENSOR : 2Axis/1g LINEAR ACCELEROMETER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2L01 Datasheet(HTML) 1 Page - STMicroelectronics

  LIS2L01 Datasheet HTML 1Page - STMicroelectronics LIS2L01 Datasheet HTML 2Page - STMicroelectronics LIS2L01 Datasheet HTML 3Page - STMicroelectronics LIS2L01 Datasheet HTML 4Page - STMicroelectronics LIS2L01 Datasheet HTML 5Page - STMicroelectronics LIS2L01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
LIS2L01
April 2002
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
THE SENSITIVITY IS ADJUSTED WITH A
TOTAL ACCURACY OF ±2.5%
s
INTERNAL TWO POLES LOW PASS SC
FILTER WITH LINEAR OUTPUT, 30Hz
BANDWIDTH
s
THE OUTPUT VOLTAGE, OFFSET,
SENSITIVITY AND TEST VOLTAGE ARE
RATIOMETRIC TO THE SUPPLY VOLTAGE
s
DEVICE SENSITIVITY IS ON-CHIP FACTORY
TRIMMED
s
EMBEDDED SELF TEST
s
HIGH SHOCK SURVIVABILITY
DESCRIPTION
The LIS2L01 is a dual channel accelerometer that in-
cludes a sensor elements and an IC interface able to
take the information from the sensor and to provide
an analog signal to the external world.
The sensor element, capable to detect the accelera-
tion, is manufactured using a dedicated process
called ThELMA (Thick Epi-Poly layer for Microactua-
tors and Accelerometers) developed by ST to pro-
duce inertial sensor and actuator in silicon.
The IC interface instead is manufactured using a
CMOS process that allow high level of integration to
design a dedicated circuit which is trimmed to better
match the sensor element characteristics.
The LIS2L01 is capable of measuring acceleration in
the range of ±1g with a bandwidth of 30Hz, set by a
2nd order low pass filter. A self-test capability verifies
the system providing to the user a signal on a dedi-
cated pin.
The LIS2L01 is available in plastic SMD package and
it is specified over a temperature range from 0°C to
+80°C.
The LIS2L01 is a part of family products suitable for
a variety of applications:
– Virtual reality input devices
– Computer hard disk drive protection
– Computer mouse and joysticks
– Vibration Monitoring, recording and compen-
sation
– Appliance control
– Robotics
SO-24
ORDERING NUMBER: LIS2L01
PRODUCT PREVIEW
INERTIAL SENSOR:
2Axis/1g LINEAR ACCELEROMETER
BLOCK DIAGRAM
MUX
TRIMMING CIRCUIT
& POLY FUSES
Sx
Sx
Sy
Sy
CHARGE
PREAMPLIFIER
MUX
VOUTx
VOUTy
SC
FILTER
&
CDS
VARIABLE GAIN
AMPLIFIER
SC
FILTER
&
CDS
VARIABLE GAIN
AMPLIFIER
D01IN1315
VOLTAGE &
CURRENT
REFERENCE
CLOCK &
PHASE
GENERATOR


Similar Part No. - LIS2L01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
26-Sep-2005
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS2L02ALTR STMICROELECTRONICS-LIS2L02ALTR Datasheet
181Kb / 17P
MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
26-Sep-2005
LIS2L02ALTR STMICROELECTRONICS-LIS2L02ALTR Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
03-May-2006
More results

Similar Description - LIS2L01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2L02AQ STMICROELECTRONICS-LIS2L02AQ Datasheet
120Kb / 6P
INERTIAL SENSOR: 2Axis - 2g/6g LINEAR ACCELEROMETER
Dec-2002
LIS2L02AS STMICROELECTRONICS-LIS2L02AS Datasheet
84Kb / 6P
INERTIAL SENSOR: 2Axis - 2g/6g LINEAR ACCELEROMETER
Dec-2002
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
126Kb / 7P
INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
Rev. 4
LIS3L02AS STMICROELECTRONICS-LIS3L02AS Datasheet
80Kb / 7P
INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
Feb-2003
LIS3L02AQ STMICROELECTRONICS-LIS3L02AQ Datasheet
162Kb / 9P
INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
November 2004 Rev. 4
LIS3L02DQ STMICROELECTRONICS-LIS3L02DQ Datasheet
317Kb / 19P
INERTIAL SENSOR: 3Axis - 2g DIGITAL OUTPUT LINEAR ACCELEROMETER
Rev. 3
LIS2L02AS4 STMICROELECTRONICS-LIS2L02AS4 Datasheet
231Kb / 14P
MEMS INERTIAL SENSOR: 2-Axis - ±2g/±6g LINEAR ACCELEROMETER
01-Dec-2005
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS2L02AQ STMICROELECTRONICS-LIS2L02AQ_04 Datasheet
168Kb / 9P
INERTIAL SENSOR-2Axis - 2g/6g LINEAR ACCELEROMETER
Nov-2004
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
MEMS inertial sensor 3-axis ultracompact linear accelerometer
17-Dec-2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com