Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS2L01 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LIS2L01
Description  INERTIAL SENSOR : 2Axis/1g LINEAR ACCELEROMETER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2L01 Datasheet(HTML) 3 Page - STMicroelectronics

  LIS2L01 Datasheet HTML 1Page - STMicroelectronics LIS2L01 Datasheet HTML 2Page - STMicroelectronics LIS2L01 Datasheet HTML 3Page - STMicroelectronics LIS2L01 Datasheet HTML 4Page - STMicroelectronics LIS2L01 Datasheet HTML 5Page - STMicroelectronics LIS2L01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
LIS2L01
ELECTRICAL CHARACTERISTCS (Temperature range 0°C to 80°C, supply voltage Vdd = 5V ±5%.)
1
FUNCTIONALITY
1.1 Sensor element
The ThELMA process is utilized to create a surface micro-machined accelerometer. The technology allows car-
ry out silicon structure on suspension, the structure are attached to the substrate in few points called anchor
and free to move on a plane parallel to the substrate itself. To be compatible with the traditional packaging tech-
niques a cap is placed on top the sensor element to avoid the molding goes between the elements making the
sensor useless.
The equivalent circuit for the sensor is shown in the below figure; when a linear acceleration is applied, the proof
mass displaces from its nominal position, causing an imbalance in the capacitive half-bridge. This imbalance is
measured using charge integration in response to a voltage pulse applied to the sense capacitor.
The nominal value of the capacitors, at steady state, is few pF and when an acceleration is applied the maximum
variation of the capacitive load is few tenth of pF.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vdd
Supply voltage
4.75
5
5.25
V
Idd
Supply current
10
mA
Voff
Zero-g level
T = 25°C
ratiometric to Vdd
Vdd/2
– 0.1
Vdd/2
Vdd/2
+ 0.1
V
Ar
Acceleration range
TBD
±1TBD
g
So
Sensitivity ratiometric to Vdd
Vdd = 5V
T = 25°C
1.8
2
2.2
V/g
fuc
Upper cutoff frequency low pass
filter
-3dB/2nd order filter
27
30
33
Hz
an
Equivalent noise acceleration
Bandwidth = 0.1…30Hz
1
mg
Vt
Self test output voltage
Ratiometric to Vdd
T = 25°C
@ 5V
TBD
V
Vst
Self test input
Logic 1 voltage
Logic 0 voltage
3.75
Vss
Vdd
1.25
V
V
Cload
Capacitive load drive
100
pF
Rload
Resistive load output
50
k
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com