Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM330LHBTR Datasheet(PDF) 121 Page - STMicroelectronics

Part # ASM330LHBTR
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBTR Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ASM330LHBTR Datasheet HTML 117Page - STMicroelectronics ASM330LHBTR Datasheet HTML 118Page - STMicroelectronics ASM330LHBTR Datasheet HTML 119Page - STMicroelectronics ASM330LHBTR Datasheet HTML 120Page - STMicroelectronics ASM330LHBTR Datasheet HTML 121Page - STMicroelectronics ASM330LHBTR Datasheet HTML 122Page - STMicroelectronics ASM330LHBTR Datasheet HTML 123Page - STMicroelectronics ASM330LHBTR Datasheet HTML 124Page - STMicroelectronics ASM330LHBTR Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 131 page
background image
6.5.3
Continuous mode ....................................................... 33
6.5.4
Continuous-to-FIFO mode................................................. 33
6.5.5
Bypass-to-continuous mode ............................................... 33
6.5.6
Bypass-to-FIFO mode.................................................... 33
6.5.7
FIFO reading procedure .................................................. 34
7
Application hints .................................................................35
7.1
ASM330LHB electrical connections .............................................. 35
8
Register map .....................................................................37
9
Register description ..............................................................40
9.1
FUNC_CFG_ACCESS (01h) .................................................... 40
9.2
PIN_CTRL (02h) .............................................................. 40
9.3
FIFO_CTRL1 (07h) ............................................................ 41
9.4
FIFO_CTRL2 (08h) ............................................................ 41
9.5
FIFO_CTRL3 (09h) ............................................................ 42
9.6
FIFO_CTRL4 (0Ah)............................................................ 43
9.7
COUNTER_BDR_REG1 (0Bh) .................................................. 44
9.8
COUNTER_BDR_REG2 (0Ch) .................................................. 44
9.9
INT1_CTRL (0Dh) ............................................................. 45
9.10
INT2_CTRL (0Eh) ............................................................. 46
9.11
WHO_AM_I (0Fh) ............................................................. 46
9.12
CTRL1_XL (10h) .............................................................. 47
9.13
CTRL2_G (11h) ............................................................... 48
9.14
CTRL3_C (12h) ............................................................... 49
9.15
CTRL4_C (13h) ............................................................... 50
9.16
CTRL5_C (14h) ............................................................... 51
9.17
CTRL6_C (15h) ............................................................... 52
9.18
CTRL7_G (16h)............................................................... 53
9.19
CTRL8_XL (17h) .............................................................. 53
9.20
CTRL9_XL (18h) .............................................................. 55
9.21
CTRL10_C (19h) .............................................................. 55
9.22
ALL_INT_SRC (1Ah) .......................................................... 56
9.23
WAKE_UP_SRC (1Bh)......................................................... 56
9.24
DRD_SRC (1Dh) .............................................................. 57
9.25
STATUS_REG (1Eh)........................................................... 58
9.26
OUT_TEMP_L (20h), OUT_TEMP_H (21h)........................................ 58
9.27
OUTX_H_C (23h), OUTX_L_G (22h) ............................................. 59
ASM330LHB
Contents
DS13773 - Rev 7
page 121/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com