Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM330LHBTR Datasheet(PDF) 124 Page - STMicroelectronics

Part # ASM330LHBTR
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBTR Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ASM330LHBTR Datasheet HTML 120Page - STMicroelectronics ASM330LHBTR Datasheet HTML 121Page - STMicroelectronics ASM330LHBTR Datasheet HTML 122Page - STMicroelectronics ASM330LHBTR Datasheet HTML 123Page - STMicroelectronics ASM330LHBTR Datasheet HTML 124Page - STMicroelectronics ASM330LHBTR Datasheet HTML 125Page - STMicroelectronics ASM330LHBTR Datasheet HTML 126Page - STMicroelectronics ASM330LHBTR Datasheet HTML 127Page - STMicroelectronics ASM330LHBTR Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 131 page
background image
11.42 MLC1_SRC (71h) ............................................................109
11.43 MLC2_SRC (72h) ............................................................109
11.44 MLC3_SRC (73h) ............................................................109
11.45 MLC4_SRC (74h) ............................................................109
11.46 MLC5_SRC (75h) ............................................................ 110
11.47 MLC6_SRC (76h) ............................................................ 110
11.48 MLC7_SRC (77h) ............................................................ 110
12
Embedded advanced features....................................................111
13
Embedded advanced features register description .............................. 113
13.1
Page 1 - Embedded advanced features registers .................................. 113
13.1.1
FSM_LC_TIMEOUT_L (7Ah) and FSM_LC_TIMEOUT_H (7Bh)................... 113
13.1.2
FSM_PROGRAMS (7Ch) ................................................ 113
13.1.3
FSM_START_ADD_L (7Eh) and FSM_START_ADD_H (7Fh) .................... 114
14
Soldering information........................................................... 115
15
Package information............................................................ 116
15.1
LGA-14L package information .................................................. 116
15.2
LGA-14 packing information ................................................... 117
Revision history ..................................................................... 119
List of tables ........................................................................ 125
List of figures........................................................................ 130
ASM330LHB
Contents
DS13773 - Rev 7
page 124/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com