Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-332VT Datasheet(PDF) 45 Page - STMicroelectronics

Part # BLUENRG-332VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VT Datasheet(HTML) 45 Page - STMicroelectronics

Back Button BLUENRG-332VT Datasheet HTML 41Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 42Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 43Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 44Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 45Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 46Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 47Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 48Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
6.3.11
High speed ring oscillator characteristics
Table 29. HSI oscillator characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fNOM
Nominal frequency
-
-
64
-
MHz
6.3.12
Low speed ring oscillator characteristics
Table 30. LSI oscillator characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fNOM
Nominal frequency
-
-
33
-
kHz
ΔFRO_ΔT/FRO
Frequency spread vs. temperature
Standard deviation
-
140
-
ppm/ºC
6.3.13
PLL characteristics
Characteristics measured over recommended operating conditions unless otherwise specified.
Table 31. PLL characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
PNSYNTH
RF carrier phase noise
At ±1 MHz offset from carrier
(measured at 2.4 GHz)
-
-110
-
dBc/Hz
At 2.4 GHz ±3 MHz offset from carrier
(measured at 2.4 GHz)
-
-114
-
dBc/Hz
At 2.4 GHz±6 MHz offset from carrier
(measured at 2.4 GHz)
-
-128
-
dBc/Hz
At ±25 MHz offset from carrier
-
-135
-
dBc/Hz
LOCKTIMETX
PLL lock time to TX
With calibration @2.5 ppm
-
150
-
µs
LOCKTIMERX
PLL lock time to RX
With calibration @2.5 ppm
-
110
-
µs
LOCKTIMERXTX
PLL lock time RX to TX
Without calibration @2.5 ppm
-
47
-
µs
LOCKTIMETXRX
PLL lock time TX to RX
Without calibration @2.5 ppm
-
32
-
µs
6.3.14
Flash memory characteristics
The characteristics below are guaranteed by design.
Table 32. Flash memory characteristics
Symbol
Parameter
Test conditions
Typ.
Max.
Unit
tprog
32-bit programming time
-
20
40
µs
tprog_burst
4x32-bit burst programming time
-
4x20
4x40
tERASE
Page (2 kbyte) erase time
-
20
40
ms
tME
Mass erase time
-
20
40
IDD
Average consumption from VDD
Write mode
3
-
mA
Erase mode
3
-
Mass erase
5
-
BlueNRG-LPS
Operating conditions
DS13819 - Rev 4
page 45/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com