Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-332VT Datasheet(PDF) 26 Page - STMicroelectronics

Part # BLUENRG-332VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-332VT Datasheet(HTML) 26 Page - STMicroelectronics

Back Button BLUENRG-332VT Datasheet HTML 22Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 23Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 24Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 25Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 26Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 27Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 28Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 29Page - STMicroelectronics BLUENRG-332VT Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
Pin number
Pin name
(function
after reset)
Pin type
I/O
structure
Alternate functions
Additional functions
QFN32
WLCSP36
27
B3
VFBSD
S
-
-
SMPS output
28
A4
VDDA_VCA
P
S
-
-
1.2 V digital core
29
B5
RSTN
I/O
RST
-
Reset pin
30
G4
PB5
I/O
FT_a
LPUART_RX, TIM2_CH2, TIM17_BK,
ANTENNA_ID[5]
Wakeup, ADC_VINP3
31
F5
PB4
I/O
FT_a
LPUART_TX, TIM2_CH1, TIM17_CH1N,
ANTENNA_ID[4]
Wakeup, ADC_VINM3
32
-
VDD1
S
-
-
1.7-3.6 battery voltage
input
-
B7
VSSA
S
-
-
Ground analog ADC core
-
k7
VSSIO
S
-
-
Ground I/O
-
L6
VSSIFADC
S
-
-
Ground analog RF
-
H1
VSSSX
S
-
-
Ground analog RF
-
L4
VSSRFTRX
S
-
-
Ground analog RF
Exposed
pad
-
GND
S
-
-
Ground
Table 5. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below, the pin name and the pin function during
and after reset are the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TT
3.6 V tolerant I/O
RF
RF I/O
RST
Bidirectional reset pin with weak pull-up resistor
Options for TT or FT I/Os
_f(1).
I/O, Fm+ capable
_a(2).
I/O, with analog switch function supplied by IO
BOOSTER(3)
Notes
Unless otherwise specified by a note, all I/Os are set as analog inputs during and after
reset
Pin functions
Alternate functions Functions selected through GPIOx_AFR registers
Additional functions Functions directly selected/enabled through peripheral registers
1. The related I/O structures in Table 4. Pin descriptions are: FT_f
2. The related I/O structures in Table 4. Pin descriptions are: FT_a
3. IO BOOSTER block allows the good behavior of those switches to be guaranteed when the VBAT goes below 2.7 V.
BlueNRG-LPS
Pinouts and pin description
DS13819 - Rev 4
page 26/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com