Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9969X Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9969X
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969X Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9969X Datasheet HTML 8Page - STMicroelectronics L9969X Datasheet HTML 9Page - STMicroelectronics L9969X Datasheet HTML 10Page - STMicroelectronics L9969X Datasheet HTML 11Page - STMicroelectronics L9969X Datasheet HTML 12Page - STMicroelectronics L9969X Datasheet HTML 13Page - STMicroelectronics L9969X Datasheet HTML 14Page - STMicroelectronics L9969X Datasheet HTML 15Page - STMicroelectronics L9969X Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
2.6
Power Supply
Figure 6 shows the connections between power supplies and L9969 internal blocks.
Figure 6. Schematic of internal power supply
VDD
VS
VDD
Monitoring
Logic
and
SPI
Diagnostic
of the
H-bridge
H-bridge
Table 9. VDD current absorption
Symbol
Parameter
Condition
Min Typ Max Unit
IVDD_SINGLE_OFF
Single bridge IC VDD supply current, bridge disabled
VDD = 4.5 V to 5.5 V
DIS = VDD
NABE = 0 V
RCF = 5.1 kΩ
CL4
-
-
11
mA
IVDD_SINGLE_ON_3A
Single bridge IC VDD supply current, bridge enabled with
3 A load
VDD = 4.5 V to 5.5 V
DIS = 0 V
NABE = VDD
RCF = 5.1 kΩ
PWM = DIR = 0 V
IOUT = 3 A
CL4
-
-
13.4 mA
IVDD_TWIN_OFF
Twin bridge IC VDD supply current (VDD1 + VDD2), both
bridges disabled
VDDx = 4.5 V to 5.5 V
DISx = VDD
NABEx = 0 V
RCFx = 5.1 kΩ
CL4
-
-
18.3 mA
IVDD_TWIN_ON_3A
Twin bridge IC VDD supply current (VDD1 + VDD2), both
bridges enabled with 3 A load
VDDx = 4.5 V to 5.5 V
DISx=0V
NABEx = VDD
RCFx = 5.1 kΩ
PWMx = DIRx = 0 V
IOUTx2 = 3 A
CL4
-
-
23.1 mA
L9969x
Power Supply
DS14029 - Rev 3
page 12/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com