Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DS3TR-C Datasheet(PDF) 114 Page - STMicroelectronics

Part # LSM6DS3TR-C
Description  iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3TR-C Datasheet(HTML) 114 Page - STMicroelectronics

Back Button LSM6DS3TR-C Datasheet HTML 107Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 108Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 109Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 110Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 111Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 112Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 113Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 114Page - STMicroelectronics LSM6DS3TR-C Datasheet HTML 115Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 114 / 115 page
background image
Revision history
LSM6DS3TR-C
114/115
DocID030071 Rev 3
15
Revision history
Table 296. Document revision history
Date
Revision
Changes
27-Feb-2017
2
Initial public release
03-May-2017
3
Updated Section 1: Overview
Updated Section 2: Embedded low-power features
Added Section 2.2: Absolute wrist tilt
Updated Section 3: Pin description
Updated Section 4.4.2: I2C - inter-IC control interface (added Table 8: I2C master timing
values)
Updated Section 5.5: FIFO
Updated FIFO reading procedure
Updated Section 7: Application hints
Updated pin status mode 1 and 2 for pins 10 and 11 as well as adding procedure to
disable pull-ups in Table 18: Internal pin status
Added Table 18: Internal pin status
Updated description of SW_RESET bit in Table 57: CTRL3_C register description
Updated bit 0 in CTRL1_XL (10h)
Updated CTRL8_XL (17h)
Updated description of X_OFS_USR (73h), Y_OFS_USR (74h), Z_OFS_USR (75h)
Minor textual updates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com