Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95P16-I Datasheet(PDF) 12 Page - STMicroelectronics

Part # M95P16-I
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-I Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M95P16-I Datasheet HTML 8Page - STMicroelectronics M95P16-I Datasheet HTML 9Page - STMicroelectronics M95P16-I Datasheet HTML 10Page - STMicroelectronics M95P16-I Datasheet HTML 11Page - STMicroelectronics M95P16-I Datasheet HTML 12Page - STMicroelectronics M95P16-I Datasheet HTML 13Page - STMicroelectronics M95P16-I Datasheet HTML 14Page - STMicroelectronics M95P16-I Datasheet HTML 15Page - STMicroelectronics M95P16-I Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
4.2
SPI modes
This device can be driven by a microcontroller through its SPI peripheral running in one of the following modes:
•
CPOL = 0, CPHA = 0
•
CPOL = 1, CPHA = 1
In these modes, input data is latched on the rising edge of the Serial clock (C), and data is output on the falling
edge of the Serial clock (C).
The difference between the modes, as shown in Figure 5, is the polarity of the clock state when the bus master is
in Standby mode and not transferring data:
•
C remains at 0 for (CPOL = 0, CPHA = 0)
•
C remains at 1 for (CPOL = 1, CPHA = 1)
Figure 5. SPI modes supported
MSB
MSB
C
D
Q
C
CPOL
0
1
CPHA
0
1
Because at a given instant only one device is selected, only one device drives the serial data output (n-DQn) at
that time. The other devices are in high-Z. An example of three devices connected to an MCU through an SPI bus
is shown in Figure 4.
4.3
Dual output read
The devices feature a Dual output read mode that allows two bits of data to be clocked out of the device every
clock cycle to improve throughput. With the Fast read dual output command, the D pin becomes an output
(D-DQ0), along with the Q-DQ1 pin.
4.4
Quad output read
The devices feature a Quad output read mode that allows four bits of data to be clocked out of the device on
every clock cycle to improve throughput. With the Fast read quad output command, the D, W and HOLD pins
become outputs (respectively, D-DQ0, W-DQ2, HOLD-DQ3), along with the Q-DQ1 pin.
4.5
Supply voltage
Prior to selecting the memory and issuing instructions to it, a valid and stable supply voltage within the specified
VCC(min) to VCC(max) range must be applied (see Table 18. Operating conditions). This voltage must remain stable
and valid until the end of the transmission of the instruction and, for a modify instruction, until the completion of
the internal write cycle (see Table 26. Programming times).
To ensure a stable DC supply voltage, it is recommended to decouple the VCC line with a suitable capacitor
(between 10 and 100 nF) close to the VCC/VSS device pins.
4.6
Power-up conditions
When the power supply is turned on, VCC rises continuously, from VSS to VCC. During this time, the Chip select
(S) line is not allowed to float, but follows the VCC voltage. It is therefore recommended to connect the S line to
VCC via a suitable pull-up resistor (see Figure 4. Bus master and memory devices on the SPI bus).
M95P16-I M95P16-E
SPI modes
DS13710 - Rev 1
page 12/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com