Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95P16-I Datasheet(PDF) 31 Page - STMicroelectronics

Part # M95P16-I
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-I Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M95P16-I Datasheet HTML 27Page - STMicroelectronics M95P16-I Datasheet HTML 28Page - STMicroelectronics M95P16-I Datasheet HTML 29Page - STMicroelectronics M95P16-I Datasheet HTML 30Page - STMicroelectronics M95P16-I Datasheet HTML 31Page - STMicroelectronics M95P16-I Datasheet HTML 32Page - STMicroelectronics M95P16-I Datasheet HTML 33Page - STMicroelectronics M95P16-I Datasheet HTML 34Page - STMicroelectronics M95P16-I Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
Figure 21. Block erase
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
29
30
31
A23
A22
A21
A2
A1
A0
High impedance
C
D
S
Q
BKER instruction
24-bit address
MS55407V1
6.13.3
Sector erase (20h)
The Sector erase (SCER) instruction sets all memory bits within a specified sector (4 Kbytes) to the erased state
of all 1s (FFh). A Write enable instruction must be executed before the device accepts this instruction (Status
register bit WEL must equal 1). The instruction is initiated by driving the S pin low and shifting-in the instruction
code 20h, followed a 24-bit sector address (A23-A0). The instruction is completed by driving S high. The Sector
erase instruction sequence is shown in Figure 22.
Figure 22. Sector erase
0
1
2
3
4
5
6
7
8
9
10
11
12
29
30
31
A23
A22
A21
A2
A1
A0
High impedance
C
D
S
Q
SCER instruction
24-bit address
MS55408V1
The S pin must be driven high after the eighth bit of the last byte has been latched. If this is not done the Sector
erase instruction is not executed. After S is driven high, the self-timed Sector erase instruction starts, for a time
duration of tSE (see Table 26. Programming times). While the Sector erase cycle is in progress, the Read status
register instruction can still be accessed to check the status of the WIP bit. The WIP bit is set 1 during the Sector
erase cycle. It transits to 0 when the cycle is finished and the device is ready to accept further instructions. After
the Sector erase cycle is complete, the Write enable Latch (WEL) bit in the Status register is cleared to 0. The
Sector erase instruction is not executed if any addressed pages of the sector are protected by the block protection
(BP2, BP1, and BP0) and TB bits. The status is reported with PAMAF and ERF flags (see Table 9. Safety register
format).
M95P16-I M95P16-E
Erase operations
DS13710 - Rev 1
page 31/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com